Electronic Components Datasheet Search
  English  ▼

X  

UPC1944J Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC1944J
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1944J Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC1944J Datasheet HTML 1Page - Renesas Technology Corp UPC1944J Datasheet HTML 2Page - Renesas Technology Corp UPC1944J Datasheet HTML 3Page - Renesas Technology Corp UPC1944J Datasheet HTML 4Page - Renesas Technology Corp UPC1944J Datasheet HTML 5Page - Renesas Technology Corp UPC1944J Datasheet HTML 6Page - Renesas Technology Corp UPC1944J Datasheet HTML 7Page - Renesas Technology Corp UPC1944J Datasheet HTML 8Page - Renesas Technology Corp UPC1944J Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet G10239EJ4V0DS
3
μ PC1943,1944
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Cathode Voltage
VKA
VREF
24
V
Cathode Current
IK
1
10
30
mA
Total Power Dissipation
μ PC1943T
PT
45/240
Note
mW
μ PC1944T
45/240
Note
mW
μ PC1944J
83
mW
μ PC1944GR
57
mW
Operating Ambient Temperature
TA
−30
+85
°C
Operating Junction Temperature
TJ
−30
+100
°C
Note with 16 cm2
× 0.7 mm ceramic substrate.
ELECTRICAL CHARACTERISTICS (IK = 10 mA, TA = 25
°C, unless otherwise specified.)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Reference Voltage
VREF
VKA = VREF
1.23
1.26
1.29
V
Reference Voltage Change
Over Temperature
Δ VREF
VKA = VREF, 0
°C ≤ TA ≤ 70°C
± 5
±30
mV
Reference Voltage Change
Δ VREF/Δ VKA | VREF | ≤ VKA ≤ 5 V
2.7
mV/V
Over Cathode Voltage
5 V
≤ VKA ≤ 24 V
2.0
mV/V
Reference Input Current
IREF
VKA = VREF, R1 = 10 k
Ω, R2 = ∞
2.0
4.0
μ A
Reference Input Current Change
Over Temperature
Δ IREF
VKA = VREF, 0
°C ≤ TA ≤ 70°C,
R1 = 10 k
Ω, R2 = ∞
0.3
1.2
μ A
Minimum Cathode Current
IKmin
VKA = VREF,
Δ VREF = 2%
0.16
1.0
mA
Off-state Cathode Current
IKoff
VKA = 24 V, VREF = 0 V
0.01
1.0
μ A
Dynamic Impedance
| ZKA |
VKA = VREF, f
≤ 1 kHz,
1 mA
≤ IK ≤ 30 mA
0.12
0.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com