Electronic Components Datasheet Search
  English  ▼

X  

UPC1944J Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPC1944J
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1944J Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPC1944J Datasheet HTML 5Page - Renesas Technology Corp UPC1944J Datasheet HTML 6Page - Renesas Technology Corp UPC1944J Datasheet HTML 7Page - Renesas Technology Corp UPC1944J Datasheet HTML 8Page - Renesas Technology Corp UPC1944J Datasheet HTML 9Page - Renesas Technology Corp UPC1944J Datasheet HTML 10Page - Renesas Technology Corp UPC1944J Datasheet HTML 11Page - Renesas Technology Corp UPC1944J Datasheet HTML 12Page - Renesas Technology Corp UPC1944J Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Data Sheet G10239EJ4V0DS
8
μ PC1943,1944
G
M
13
J
U
V
F
3-PIN PLASTIC SIP (TO-92)
A
M
Y
H
NOTE
Each lead centerline is located within 0.12 mm of
its true position (T.P.) at maximum material condition.
P3J-127B-3
ITEM
MILLIMETERS
A
F
G
H
J
M
N
U
5.0
±0.2
0.12
5.0
±0.5
4.0
±0.2
0.50
V
Y
15.0
±0.7
2.8 MAX.
0.50
±0.10
1.27
1.33 MAX.
+0.30
−0.10
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com