Electronic Components Datasheet Search
  English  ▼

X  

UPC1944J Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPC1944J
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1944J Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPC1944J Datasheet HTML 5Page - Renesas Technology Corp UPC1944J Datasheet HTML 6Page - Renesas Technology Corp UPC1944J Datasheet HTML 7Page - Renesas Technology Corp UPC1944J Datasheet HTML 8Page - Renesas Technology Corp UPC1944J Datasheet HTML 9Page - Renesas Technology Corp UPC1944J Datasheet HTML 10Page - Renesas Technology Corp UPC1944J Datasheet HTML 11Page - Renesas Technology Corp UPC1944J Datasheet HTML 12Page - Renesas Technology Corp UPC1944J Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet G10239EJ4V0DS
9
μ PC1943,1944
RECOMMENDED SOLDERING CONDITIONS
The
μPC1943, 1944 should be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended below, contact an NEC Electronics sales
representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Type of Surface Mount Device
μPC1943T, 1944T : POWER MINI MOLD (SOT-89) (SC-62)
Process
Conditions
Symbol
Infrared ray reflow
Peak temperature: 235
°C or below (Package surface temperature),
Reflow time: 30 seconds or less (at 210
°C or higher),
Maximum number of reflow processes: 3 times.
IR35-00-3
VPS
Peak temperature: 215
°C or below (Package surface temperature),
Reflow time: 40 seconds or less (at 200
°C or higher),
Maximum number of reflow processes: 2 times.
VP15-00-2
Partial Heating Method
Pin temperature: 350
°C or below,
Heat time: 3 seconds or less (per each side of the device).
P350
μPC1943T-AZ, 1944T-AZ : POWER MINI MOLD (SOT-89) (SC-62)
Process
Conditions
Symbol
Infrared ray reflow
Peak temperature: 260
°C or below (Package surface temperature),
Reflow time: 60 seconds or less (at 220
°C or higher),
Maximum number of reflow processes: 3 times.
IR60-00-3
Partial Heating Method
Pin temperature: 350
°C or below,
Heat time: 3 seconds or less (per each side of the device).
P350
Caution Apply only one kind of soldering condition to a device, or the device will be damaged by heat stress.
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com