Electronic Components Datasheet Search
  English  ▼

X  

UPC1944J Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC1944J
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1944J Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC1944J Datasheet HTML 2Page - Renesas Technology Corp UPC1944J Datasheet HTML 3Page - Renesas Technology Corp UPC1944J Datasheet HTML 4Page - Renesas Technology Corp UPC1944J Datasheet HTML 5Page - Renesas Technology Corp UPC1944J Datasheet HTML 6Page - Renesas Technology Corp UPC1944J Datasheet HTML 7Page - Renesas Technology Corp UPC1944J Datasheet HTML 8Page - Renesas Technology Corp UPC1944J Datasheet HTML 9Page - Renesas Technology Corp UPC1944J Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet G10239EJ4V0DS
4
μ PC1943,1944
TYPICAL CHARACTERISTIC (TA = 25
°C, unless otherwise specified. Nominal)
PT vs TA ( I )
Note1
0
100
200
300
400
500
600
25
50
75
100
125
150
PC1944J
μ
PC1944GR
μ
PC1943T,
μ
1944T
260
°C/W
315
°C/W
TA - Operating Ambient Temperature -
°C
PT vs TA ( II )
Note1
0
0.5
1.0
1.5
2.0
25
50
75
100
125
150
PC1943T, 1944T
μ
with 16 cm
2
× 0.7 mm
ceramic substrate
TA - Operating Ambient Temperature -
°C
0
20
40
60
80
100 120
−20
−20
−40
−10
0
10
20
IK = 10 mA
VKA = VREF
TA - Operating Ambient Temperature -
°C
VREF vs TA
Note2
Δ
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
1.0
2.0
VKA = VREF
VKA - Cathode Voltage - V
IK vs VKA ( I )
0.5
1.0
1.5
0
20
30
40
10
50
VKA = VREF
VKA - Cathode Voltage - V
IK vs VKA (II)
0
−10
−20
−30
−1.0
−0.8
−0.6
−0.4
−0.2
0
VKA = VREF
VKA - Cathode Voltage - V
IK vs VKA (III)
(Reverse Characteristic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com