Electronic Components Datasheet Search
  English  ▼

X  

IR3316S Datasheet(PDF) 3 Page - International Rectifier

Part # IR3316S
Description  LOW EMI CURRENT SENSE HIGH SIDE SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3316S Datasheet(HTML) 3 Page - International Rectifier

  IR3316S Datasheet HTML 1Page - International Rectifier IR3316S Datasheet HTML 2Page - International Rectifier IR3316S Datasheet HTML 3Page - International Rectifier IR3316S Datasheet HTML 4Page - International Rectifier IR3316S Datasheet HTML 5Page - International Rectifier IR3316S Datasheet HTML 6Page - International Rectifier IR3316S Datasheet HTML 7Page - International Rectifier IR3316S Datasheet HTML 8Page - International Rectifier IR3316S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IR3316S
Protection Characteristics
Tj=25°C, Rifb=500 to 5k
Ω
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Vifb-Vin@Isd
hutdown threshold
4
4.7
5.6
V
Over-current s
Tsd
Over temperature threshold
⎯
165
⎯
°C
ig. 5
See f
OV
Over voltage protection (not latched)
26
29
33
V
Isdf
Fixed over current shutdown
90
120
140
Vifb
Isd
Vifb<
-Vin@
Isd_1k
Programmable over current shutdown 1k
30
40
50
A
1k
Ω
Rifb=
Treset
Time to reset protection
⎯
50
500
S
fig.
ee
5
Min. pulse
Min. pulse width (no WAIT state)
400
900
2000
µs
WAIT
0.4
1
2
ms
See fig. 4 and 5
WAIT function timer
Rds(on) rev.
m
Ω
Vcc-Vin=-14V,
I
30A
Reverse battery On state resistance
4
6.7
10
out=
S
lec
Typ.
Max.
Units
Test Conditions
tatic E
trical Characteristics
T
c=14
Min.
j=25°C, Vc
V (unless otherwise specified)
Symbol
Parameter
Vcc op.
Operating Voltage range
6
⎯
26
V
Icc off
S
current
⎯
1.5
5
µA
cc
o
upply leakage
Vin=V
V
, Vcc-V ut=14V,
cc-Vifb=14V
Iin, on
O
.5
3
6
mA
V
in=1
n state IN positive current
1
cc-V
4V
Vih
High level Input threshold voltage (4)
5.4
6.2
⎯
Vil
Low level Input threshold voltage (4)
4
4.9
5.8
Vhyst
Input hysteresis Vih-Vil
0.2
0.4
1
V
Drain to source leakage current
⎯
1.2
5
cc
ifb
Iout
µA
u
Vin=V
Vcc-Vo
, Vcc-V
t=14V
=0V,
On state resistance (5) Tj=25°C
7
Iout=30A, Vcc-Vin=14V
4
5.5
O
6
10
Iout=17A,
-Vin=
n state resistance (5) Tj=25°C
4
Vcc
6V
Rds(on)
O
7
10.5
13.5
m
Ω
Iout=30A, Vcc-Vin=14V
n state resistance (5) Tj=150°C
V clamp1
V
36
39
⎯
Io
50m
cc to Vout clamp voltage 1
ut=
A
V clamp2
Vcc to Vout clamp voltage 2
⎯
40
43
V
Iout=30A
(4) Input thresholds are measured directly between
the load current path and the input signal path can s
the input pin and the tab. Any parasitic resistance in common between
ignificantly affect the thresholds.
(5) Rdson is measured between the tab and the Out pin, 5mm away from the package.
Switching Electrical Characteristics
Vcc=14V, Resistive load=0.5
Ω, Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tdon
Turn on delay time to 10% Vcc
30
120
300
Tr1
Rise time to Vcc-Vout=5V
20
50
125
Tr2
Rise time to Vcc-Vout=0.1Vcc
30
80
200
µs
Eon
Turn on energy
⎯
14
⎯
mJ
Tdoff
Turn off delay time
30
140
350
Tf
Fall time to Vout=10% of Vcc
35
100
250
µs
Eoff
Turn off energy
⎯
7
⎯
mJ
See figure 2
www.irf.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com