Electronic Components Datasheet Search
  English  ▼

X  

IR3316S Datasheet(PDF) 1 Page - International Rectifier

Part # IR3316S
Description  LOW EMI CURRENT SENSE HIGH SIDE SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3316S Datasheet(HTML) 1 Page - International Rectifier

  IR3316S Datasheet HTML 1Page - International Rectifier IR3316S Datasheet HTML 2Page - International Rectifier IR3316S Datasheet HTML 3Page - International Rectifier IR3316S Datasheet HTML 4Page - International Rectifier IR3316S Datasheet HTML 5Page - International Rectifier IR3316S Datasheet HTML 6Page - International Rectifier IR3316S Datasheet HTML 7Page - International Rectifier IR3316S Datasheet HTML 8Page - International Rectifier IR3316S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet No. PD60286
IR3316S
LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Features
•
Load current feedback
•
Programmable over current shutdown
n
to Vcc
wn
ow EMI
protected 4 terminals high side
•
Active clamp
•
ESD protectio
•
Input referenced
•
Over temperature shutdo
•
Switching time optimized for l
•
Reverse battery protection
Description
The IR3316S is a fully
switch. The input signal is referenced to Vcc. When the
input voltage Vcc - Vin is higher than the specified
threshold, the output power Mosfet is turned on. When the
Vcc - Vin is lower than the specified Vil threshold, the
output Mosfet is turned off. A current proportional to the
power Mosfet current is sourced to the Ifb pin. Over
current shutdown occurs when Vst-Vin > 4.5V. The current
shutdown threshold is adjusted by selecting the proper
RIfb. Either over current and over temperature latches off
the switch. The device is reset by pulling the input pin
high. Other integrated protections (ESD, reverse battery,
active clamp) make the switch very rugged in automotive
environment.
Product Summary
Rds(on)
7 m
Ω max.
Vcc op.
6 to 26V
Current Ratio
8800
Prog. Ishutdown
10 to 90A
Vclamp
40V
Packages
D²Pak
Pin 4 and 5 fused
IR3316S
Typical Connection
Out
IR3316S
IN
Rifb
Vcc
Load
Battery
Input
Power
Ground
Ifb
Logic
Ground
Current feeback
10k
On
Off
www.irf.com
1


Similar Part No. - IR3316S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3316SPBF IRF-IR3316SPBF Datasheet
368Kb / 12P
LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316SPBF IRF-IR3316SPBF Datasheet
296Kb / 13P
LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316STRLPBF IRF-IR3316STRLPBF Datasheet
296Kb / 13P
LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316STRRPBF IRF-IR3316STRRPBF Datasheet
296Kb / 13P
LOW EMI CURRENT SENSE HIGH SIDE SWITCH
More results

Similar Description - IR3316S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3315 IRF-IR3315 Datasheet
1Mb / 13P
LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316PBF IRF-IR3316PBF Datasheet
362Kb / 12P
LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316SPBF IRF-IR3316SPBF Datasheet
368Kb / 12P
LOW EMI CURRENT SENSE HIGH SIDE SWITCH
AUIR3316 IRF-AUIR3316 Datasheet
301Kb / 16P
LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3411SPBF IRF-IR3411SPBF Datasheet
296Kb / 13P
LOW EMI CURRENT SENSE HIGH SIDE SWITCH
AUIR3317S IRF-AUIR3317S Datasheet
297Kb / 16P
LOW EMI CURRENT SENSE HIGH SIDE SWITCH
AUIR3320S IRF-AUIR3320S Datasheet
462Kb / 15P
LOW EMI CURRENT SENSE HIGH SIDE SWITCH
AUIR3316 IRF-AUIR3316_15 Datasheet
301Kb / 16P
LOW EMI CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS6125RTRL INFINEON-AUIPS6125RTRL Datasheet
450Kb / 17P
LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Rev 1.3 2016-11-08
AUIR3316 INFINEON-AUIR3316 Datasheet
301Kb / 16P
LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Revision E 14/11/2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com