Electronic Components Datasheet Search
  English  ▼

X  

IR3316S Datasheet(PDF) 7 Page - International Rectifier

Part # IR3316S
Description  LOW EMI CURRENT SENSE HIGH SIDE SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3316S Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3316S Datasheet HTML 3Page - International Rectifier IR3316S Datasheet HTML 4Page - International Rectifier IR3316S Datasheet HTML 5Page - International Rectifier IR3316S Datasheet HTML 6Page - International Rectifier IR3316S Datasheet HTML 7Page - International Rectifier IR3316S Datasheet HTML 8Page - International Rectifier IR3316S Datasheet HTML 9Page - International Rectifier IR3316S Datasheet HTML 10Page - International Rectifier IR3316S Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IR3316S
www.irf.com
7
50%
100%
150%
200%
-50
0
50
100
150
0
0
1020
3040
50
Vcc-Vin, supply voltage (V)
Tj, junction temperature (°C)
Tj, junction temperature (°C)
Figure 8 - Normalized Rds(on
Tj, junction temperature (°C)
il and Vifb-Vin@Isd (V) Vs Tj (°C)
2
4
6
8
10
Figure 6 – Icc (mA) Vs Vcc-Vin (V)
Figure 7 – Icc off (µA) Vs Tj (°C)
) (%) Vs Tj (°C)
Figure 9 – Vih, V
0
1
2
3
4
5
6
-50 -25
0
25
50
75
100 125 150
Vifb-Vin@Isd
VIH
VIL
0
1
2
3
4
5
6
-50
0
50
100
150
ll curves are typical characteristics. Operation in hatched areas is not recommended. Tj=25°C, Rifb=500ohm, Vcc=14V
nless otherwise specified).
A
(u



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com