Electronic Components Datasheet Search
  English  ▼

X  

IR3316S Datasheet(PDF) 4 Page - International Rectifier

Part # IR3316S
Description  LOW EMI CURRENT SENSE HIGH SIDE SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3316S Datasheet(HTML) 4 Page - International Rectifier

  IR3316S Datasheet HTML 1Page - International Rectifier IR3316S Datasheet HTML 2Page - International Rectifier IR3316S Datasheet HTML 3Page - International Rectifier IR3316S Datasheet HTML 4Page - International Rectifier IR3316S Datasheet HTML 5Page - International Rectifier IR3316S Datasheet HTML 6Page - International Rectifier IR3316S Datasheet HTML 7Page - International Rectifier IR3316S Datasheet HTML 8Page - International Rectifier IR3316S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IR3316S
Current Sense Characteristics
ter
Min.
Typ.
Max.
Units
Test Conditions
Symbol
Parame
Ratio
I Load/Iifb current ratio
ut=60A
7,500
8,800
9,950
⎯
Tj=25°C, Rfb=500
Ω,
Io
Ratio_TC
erature
150°C
I Load/Iifb variation aver temp
-5
⎯
+5
%
Tj=-40°C to
Offset
-0.22
+0.2
ut=2A
Load current diagnostic offset
0
A
Io
Trst
Ifb response time (low signal)
⎯
1
⎯
µs
90% of the Iout step
Functional Block Diagram
All values are typ
1 ms
ical
3mA
VCC
Charge
Pump
Fast turn-off
Driver
rev
b
r
OUT
On/Off
Set
Latch
Reset
erse
attery
ot
p
ection
IN
IFB
Q
timer
43V
+
-
-
+
4.7V
Tj > 165°C
Iout > 120A
400µs
timer
-
+
29V
38V
43V
-
+
43V
Wai
ulse
t
Min. P
www.irf.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com