Electronic Components Datasheet Search
  English  ▼

X  

LTC1705 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1705
Description  Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1705 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1705 Datasheet HTML 14Page - Linear Technology LTC1705 Datasheet HTML 15Page - Linear Technology LTC1705 Datasheet HTML 16Page - Linear Technology LTC1705 Datasheet HTML 17Page - Linear Technology LTC1705 Datasheet HTML 18Page - Linear Technology LTC1705 Datasheet HTML 19Page - Linear Technology LTC1705 Datasheet HTML 20Page - Linear Technology LTC1705 Datasheet HTML 21Page - Linear Technology LTC1705 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC1705
18
output bypass capacitor until the feedback loop in the
LTC1705 can change the inductor current to match the
new load current value. This ESR step at the output is often
the single largest budget item in the load regulation
calculation. As an example, our hypothetical 1.6V, 15A
switcher with a 0.006
Ω ESR output capacitor would
experience a 90mV step at the output with a 0A to 15A load
step—a 5.6% output change!
Usually the solution is to parallel several capacitors at the
output. For example, to keep the transient response in side
of 3.5% with the previous design, we’d need an output
ESR better than 0.004
Ω. This can be met with six 0.025Ω,
180
µF special polymer capacitors in parallel.
Inductor
The inductor in a typical LTC1705 circuit is chosen prima-
rily for value and saturation current. The inductor value
sets the ripple current, which is commonly chosen be-
tween 20% to 40% of the anticipated full load current.
Ripple current is set by:
I
tV
L
RIPPLE
ON QB
OUT
=
()()
In our 1.6V, 15A example, we’d set the ripple to 20% of
15A or 3A and the inductor value would be:
L
tV
I
sV
A
H
with t
V
V
kHz
s
ON QB
OUT
RIPPLE
ON QB
==
µ
=µ
=−


=µ
()
()
()
(.
)( .
)
.
.
/.
12
16
3
067
1
16
5
550
1 2
The inductor must not saturate at the expected peak
current. In this case, if the current limit was set to 22.5A,
the inductor should be rated to withstand 22.5A + (0.5 •
IRIPPLE) or 24A without saturating.
FEEDBACK LOOP/COMPENSATION
Feedback Loop Types
In a typical LTC1705 circuit, the feedback loop consists of
the modulator, the external inductor, the output capacitor
and the feedback amplifier with its compensation network.
All of these components affect loop behavior and must be
accounted for in the loop compensation. The modulator
consists of the internal PWM generator, the output MOSFET
drivers and the external MOSFETs themselves. From a
feedback loop point of view, it looks like a linear voltage
transfer function from COMP to SW and has a gain roughly
equal to the input voltage. It has fairly benign AC behavior
at typical loop compensation frequencies with significant
phase shift appearing at half the switching frequency.
The external inductor/output capacitor combination makes
a more significant contribution to loop behavior. These
components cause a second order LC roll off at the output,
with the attendant 180
° phase shift. This rolloff is what
filters the PWM waveform, resulting in the desired DC
output voltage, but the phase shift complicates the loop
compensation if the gain is still higher than unity at the
pole frequency. Eventually (usually well above the LC pole
frequency), the reactance of the output capacitor will
approach its ESR and the rolloff due to the capacitor will
stop, leaving 6dB/octave and 90
° of phase shift (Figure 5).
APPLICATIO S I FOR ATIO
1705 F05
AV
0
PHASE
–6dB/OCT
–12dB/OCT
GAIN
FREQ
–90
–180
–270
–360
Figure 5. Transfer Function of Buck Modulator
So far, the AC response of the loop is pretty well out of the
user’s control. The modulator is a fundamental piece of the
LTC1705 design and the external L and C are usually
chosen based on the regulation and load current require-
ments without considering the AC loop response. The
feedback amplifier, on the other hand, gives us a handle
with which to adjust the AC response. The goal is to have
180
° phase shift at DC (so the loop regulates) and some-
thing less than 360
° phase shift at the point that the loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com