Electronic Components Datasheet Search
  English  ▼

X  

LTC1705 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC1705
Description  Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1705 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC1705 Datasheet HTML 19Page - Linear Technology LTC1705 Datasheet HTML 20Page - Linear Technology LTC1705 Datasheet HTML 21Page - Linear Technology LTC1705 Datasheet HTML 22Page - Linear Technology LTC1705 Datasheet HTML 23Page - Linear Technology LTC1705 Datasheet HTML 24Page - Linear Technology LTC1705 Datasheet HTML 25Page - Linear Technology LTC1705 Datasheet HTML 26Page - Linear Technology LTC1705 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC1705
23
APPLICATIO S I FOR ATIO
converter is converting 15V to 1.3V, requiring just a 9%
duty cycle. Inductor voltages are now 13.7V when QT is on
and 1.3V when QB is on, giving vastly different di/dt values
and correspondingly skewed transient response with posi-
tive and negative current steps. The narrow 9% duty cycle
usually requires a lower switching frequency, which in
turn requires a higher value inductor and larger output
capacitor. Parasitic losses due to the large voltage swing
at the source of QT cost efficiency, eliminating any advan-
tage the 1-step conversion might have had.
Note that power dissipation in the LTC1705 portion of a
2-step circuit is lower than it would be in a typical 1-step
converter, even in cases where the 1-step converter has
higher total efficiency than the 2-step system. In a typical
microprocessor core supply regulator, for example, the
regulator is usually located right next to the CPU. In a
1-step design, all of the power dissipated by the core
regulator is right there next to the hot CPU, aggravating
thermal management. In a 2-step LTC1705 design, a
significant percentage of the power lost in the core regu-
lation system happens in the 5V or 3.3V supply, which is
usually away from the CPU. The power lost to heat in the
LTC1705 section of the system is relatively low, minimiz-
ing the heat near the CPU.
Additionally, with a 1-step converter, the high input battery
voltage requires the MOSFET to operate at high voltage
levels. This imposes stringent requirements on the
MOSFETs selection. Most of the MOSFETs that meet the
high voltage and high current requirements are expensive
and bulky. This makes for an awkward power supply
design, especially in portable applications. The high input
voltage also necessitates higher gate drive, which aggra-
vate switching losses.
Figure 10. 2-Step Conversion Block Diagram
2-STEP CONVERSION OFFERS
• BETTER TRANSIENT RESPONSE
• SMALLER COMPONENT SIZE
• BETTER THERMAL MANAGEMENT
• LOWER VOLTAGE REQUIREMENT FOR MOSFETS
• SMALLER SWITCHING LOSS
• EQUIVALENT EFFICIENCY
LTC1628*
5V/3A LOGIC SUPPLY
1.5V/2A CPU I/O SUPPLY
1.3V/15A CPU CORE SUPPLY
3.3V/5A LOGIC SUPPLY
2.5V/0.15A CPU CLOCK SUPPLY
*OR TWO LTC1625s
I/O
CORE
LTC1705
CPU SUPPLY CONTROLLER
LDO
1705 F10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com