Electronic Components Datasheet Search
  English  ▼

X  

LTC1705 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1705
Description  Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1705 Datasheet(HTML) 4 Page - Linear Technology

  LTC1705 Datasheet HTML 1Page - Linear Technology LTC1705 Datasheet HTML 2Page - Linear Technology LTC1705 Datasheet HTML 3Page - Linear Technology LTC1705 Datasheet HTML 4Page - Linear Technology LTC1705 Datasheet HTML 5Page - Linear Technology LTC1705 Datasheet HTML 6Page - Linear Technology LTC1705 Datasheet HTML 7Page - Linear Technology LTC1705 Datasheet HTML 8Page - Linear Technology LTC1705 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC1705
4
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1705 G01
1.315
1.310
1.305
1.300
1.295
1.290
1.285
VCC = 5V
VOUT = 1.3V
VCC (V)
3
3.5
4
4.5
5
5.5
6
1705 G02
1.30
1.04
0.78
0.52
0.26
0
–0.26
–0.52
–0.78
–1.04
–1.30
0.10
0.08
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
TA = 25°C
ILOAD (A)
0
3
6
9
12
15
1705 G03
0.8
0
–0.8
–1.6
–2.4
–3.2
0.05
0
–0.05
–0.10
–0.15
–0.20
TA = 25°C
VOUT = 1.6V
ILOAD (A)
0
3
6
9
12
15
1705 G04
100
90
80
70
60
50
VIN = 5V, TA = 25°C, I/O DISABLED
QTC = QBC = 2
× FDS6670A
VOUT = 2V
VOUT = 1.6V
VOUT = 0.9V
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1705 G05
0.810
0.806
0.802
0.798
0.794
0.790
VCC = 5V
VCC (V)
3
3.5
4
4.5
5
5.5
6
1705 G06
0.80
0.64
0.48
0.32
0.16
0
–0.16
–0.32
–0.48
–0.64
–0.80
0.10
0.08
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
TA = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS
VSENSEC vs Temperature
VSENSEC Line Regulation
VSENSEC Load Regulation
Core Supply Efficiency
VFBIO vs Temperature
VFBIO Line Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com