Electronic Components Datasheet Search
  English  ▼

X  

UPD6P8 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # UPD6P8
Description  MOS INTEGRATED CIRCUIT
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P8 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button UPD6P8 Datasheet HTML 65Page - Renesas Technology Corp UPD6P8 Datasheet HTML 66Page - Renesas Technology Corp UPD6P8 Datasheet HTML 67Page - Renesas Technology Corp UPD6P8 Datasheet HTML 68Page - Renesas Technology Corp UPD6P8 Datasheet HTML 69Page - Renesas Technology Corp UPD6P8 Datasheet HTML 70Page - Renesas Technology Corp UPD6P8 Datasheet HTML 71Page - Renesas Technology Corp UPD6P8 Datasheet HTML 72Page - Renesas Technology Corp UPD6P8 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 101 page
background image
67
µPD6P8, 6P8A, 6P8B
Data Sheet U17848EJ5V0DS
Perform initialization according to the following procedure.
(1)
Supply 3 V to the VDD pin. Set the VPP pin to low level.
(2)
Supply 3 V (same potential as VDD) to the VPP pin after waiting for 10
µs.
(3)
Wait for 2 ms until oscillation stabilizes.
(4)
Supply 10.5 V to the VPP pin.
(5)
Wait for 1 ms until oscillation stabilizes.
(6)
Transmit the PCRESET instruction from the programmer.
(7)
Transmit the SSVERIFY instruction from the programmer for silicon signature verification.
1
VPP (10.5 V)
VDD
VPP
VDD
GND
VDD
GND
23
4
5
6
7
10 s
µ
13.2 Serial Communication Format
Instruction
Data
All instructions consist of a 5-bit instruction and 5-bit data.
The data from the programmer is latched at the rising edge of SCLK. The
µPD6P8A and 6P8B output data is
output at the falling edge of SCLK.
Instruction format
43
210
MD4
MD3
MD2
MD1
MD0
MD4 to MD0
Instruction
Function
05
Reset
Clearing the program memory address to 0
0C
Verify
Verify mode
0E
Program
Write mode
11
Increment
Incrementing of the program memory address
08
Signature verify
Silicon signature verify mode
01
Inhibit
Program inhibit mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com