Electronic Components Datasheet Search
  English  ▼

X  

UPD6P8 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # UPD6P8
Description  MOS INTEGRATED CIRCUIT
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P8 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button UPD6P8 Datasheet HTML 67Page - Renesas Technology Corp UPD6P8 Datasheet HTML 68Page - Renesas Technology Corp UPD6P8 Datasheet HTML 69Page - Renesas Technology Corp UPD6P8 Datasheet HTML 70Page - Renesas Technology Corp UPD6P8 Datasheet HTML 71Page - Renesas Technology Corp UPD6P8 Datasheet HTML 72Page - Renesas Technology Corp UPD6P8 Datasheet HTML 73Page - Renesas Technology Corp UPD6P8 Datasheet HTML 74Page - Renesas Technology Corp UPD6P8 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 101 page
background image
69
µPD6P8, 6P8A, 6P8B
Data Sheet U17848EJ5V0DS
14. ELECTRICAL SPECIFICATIONS (
µPD6P8)
Absolute Maximum Ratings (TA = +25
°C)
Parameter
Symbol
Conditions
Rating
Unit
Power supply voltage
VDD
–0.3 to +5.0
V
VPP
–0.3 to +11.0
V
Input voltage
VI
KI/O0-KI/O7, KI0-KI3, S0, S1, S2
–0.3 to VDD + 0.3
V
Output voltage
VO
–0.3 to VDD + 0.3
V
Output current, high
IOHNote
REM
Peak value
–30
mA
rms
–20
mA
LED
Peak value
–7.5
mA
rms
–5
mA
Per KI/O0-KI/O7 pin
Peak value
–13.5
mA
rms
–9
mA
Total for LED and KI/O0-KI/O7
Peak value
–18
mA
pins
rms
–12
mA
Output current, low
IOLNote
REM
Peak value
7.5
mA
rms
5
mA
LED
Peak value
7.5
mA
rms
5
mA
Operating ambient
TA
–40 to +85
°C
temperature
Storage temperature
Tstg
–65 to +150
°C
Note Calculate the rms with: [rms] = [Peak value]
× √Duty.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for
any parameter. That is, the absolute maximum ratings are rated values at which the product
is on the verge of suffering physical damage, and therefore the product must be used under
conditions that ensure that the absolute maximum ratings are not exceeded.
Recommended Power Supply Voltage Range (TA = –40 to +85
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Power supply voltage
VDD
fX = 3.5 to 4.5 MHz
1.9
3.0
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com