Electronic Components Datasheet Search
  English  ▼

X  

UPD6P8 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD6P8
Description  MOS INTEGRATED CIRCUIT
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P8 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD6P8 Datasheet HTML 24Page - Renesas Technology Corp UPD6P8 Datasheet HTML 25Page - Renesas Technology Corp UPD6P8 Datasheet HTML 26Page - Renesas Technology Corp UPD6P8 Datasheet HTML 27Page - Renesas Technology Corp UPD6P8 Datasheet HTML 28Page - Renesas Technology Corp UPD6P8 Datasheet HTML 29Page - Renesas Technology Corp UPD6P8 Datasheet HTML 30Page - Renesas Technology Corp UPD6P8 Datasheet HTML 31Page - Renesas Technology Corp UPD6P8 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 101 page
background image
26
µPD6P8, 6P8A, 6P8B
Data Sheet U17848EJ5V0DS
Figure 4-4. Supply Voltage Transition and Detection Voltage (
µPD6P8A, 6P8B)
(1) If the supply voltage rises after the battery has been set, and exceeds VPOC (POC detection voltage),
reset is cleared. Because the supply voltage rises from 0 V, which is lower than VID (RAM retention
detection voltage), the RAM retention flag remains in the initial status 0.
(2) The supply voltage has now risen to the level at which the device can operate. Write the necessary data
to the RAM and set the RAM retention flag to 1.
(3) The device is reset if the supply voltage drops below VPOC. At point (A) in the above figure, the RAM
retention flag remains 1 because the supply voltage is higher than VID at this point.
(4) If the RAM retention flag is checked by software after reset has been cleared, it is 1. This means that
the contents of the RAM have not been lost. It is therefore not necessary to initialize the RAM by software.
(5) The device is reset if the supply voltage drops below VPOC. At point (B) in the figure, the voltage is lower
than VID. Consequently, the RAM retention flag is cleared to 0.
(6) If the RAM retention flag is checked by software after reset has been cleared, it is 0. This means that
the contents of the RAM may have been lost. If this case, initialize the RAM by software.
VDD
VPOC
VID
0 V
RAM retention flag
(A)
(B)
(6)
(5)
(4)
(3)
(2)
Set to 1
Flag contents
are read
Flag contents
are read
(1)
t
POC detection voltage
(Refer to 8. POC CIRCUIT)
VPOC = 1.8 V (TYP.)
RAM retention detection voltage
VID = 1.6 V (TYP.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com