Electronic Components Datasheet Search
  English  ▼

X  

MCP1501 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1501 Datasheet HTML 15Page - Microchip Technology MCP1501 Datasheet HTML 16Page - Microchip Technology MCP1501 Datasheet HTML 17Page - Microchip Technology MCP1501 Datasheet HTML 18Page - Microchip Technology MCP1501 Datasheet HTML 19Page - Microchip Technology MCP1501 Datasheet HTML 20Page - Microchip Technology MCP1501 Datasheet HTML 21Page - Microchip Technology MCP1501 Datasheet HTML 22Page - Microchip Technology MCP1501 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
 2015-2022 Microchip Technology Inc. and its subsidiaries
DS20005474G-page 19
MCP1501
5.0
APPLICATION CIRCUITS
5.1
Application Tips
5.1.1
BASIC APPLICATION CIRCUIT
Figure 5-1 illustrates a basic circuit configuration of the
MCP1501.
FIGURE 5-1:
Basic Circuit Configuration.
An output capacitor is not required for stability of the
voltage reference, but may be optionally added to
provide noise filtering or act as a charge-reservoir for
switching loads, e.g., successive approximation
register (SAR) analog-to-digital converter (ADC). As
shown, the input voltage is connected to the device at
the VIN input, with an optional 2.2 μf ceramic capacitor.
This capacitor would be required if the input voltage
has excessive noise. A 2.2 μf capacitor would reject
input voltage noise at approximately 1 to 2 MHz. Noise
below this frequency will be amply rejected by the input
voltage rejection of the voltage reference. Noise at
frequencies above 2 MHz will be beyond the bandwidth
of the voltage reference and, consequently, not
transmitted from the input pin through the device to the
output.
If the noise at the output of the voltage references is too
high for the particular application, it can be easily fil-
tered with an external RC filter and op-amp buffer (see
Figure 5-2).
FIGURE 5-2:
Output Noise-Reducing
Filter.
The RC filter values are selected for a desired cutoff
frequency, as shown in Equation 5-1.
EQUATION 5-1:
The values that are shown in Figure 5-2 (10 kΩ
 and
1 μF) will create a first-order, low-pass filter at the out-
put of the amplifier. The cutoff frequency of this filter is
15.9 Hz, and the attenuation slope is 20 dB/decade.
The MCP6286 amplifier isolates the loading of this low-
pass filter from the remainder of the application circuit.
This amplifier also provides additional drive, with a
faster response time than the voltage reference.
5.1.2
LOAD CAPACITOR
The maximum capacitive load without series resistance
is 10nF. However, larger capacitors may be
implemented if a resistor is used in series with a larger
load capacitor. Refer to Figure 3-29, Figure 3-30 and
Figure 3-31 for the transient response with the series
resistor and capacitive load.
5.1.3
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
Mechanical stress due to Printed Circuit Board (PCB)
mounting can cause the output voltage to shift from its
initial value. Devices in the SOT-23-6 package are gen-
erally more prone to assembly stress than devices in
the WDFN package. To reduce stress-related output
voltage shifts, mount the reference on low-stress areas
of the PCB (i.e., away from PCB edges, screw holes
and large components).
VDD
SHDN
GND
1
2
3
4
5
8
7
6
SOIC-8/DFN-8
GND
FEEDBACK
OUT
GND
GND
0.1
– 2.2 μF
1.65
– 5.5V
OUT
Output
of V
REF
fC
1
2
 R1 C1

-----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com