Electronic Components Datasheet Search
  English  ▼

X  

MCP1501 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1501 Datasheet HTML 1Page - Microchip Technology MCP1501 Datasheet HTML 2Page - Microchip Technology MCP1501 Datasheet HTML 3Page - Microchip Technology MCP1501 Datasheet HTML 4Page - Microchip Technology MCP1501 Datasheet HTML 5Page - Microchip Technology MCP1501 Datasheet HTML 6Page - Microchip Technology MCP1501 Datasheet HTML 7Page - Microchip Technology MCP1501 Datasheet HTML 8Page - Microchip Technology MCP1501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
 2015-2022 Microchip Technology Inc. and its subsidiaries
DS20005474G-page 1
MCP1501
Features
• Maximum Temperature Coefficient: 50 ppm/°C
from -40°C to +125°C
• Initial Accuracy: 0.1%
• Operating Temperature Range: -40°C to +125°C
• Low Typical Operating Current: 140 μA
• Line Regulation: 50 ppm/V Maximum
• Load Regulation: 40 ppm/mA Maximum
• 10 Voltage Variants Available:
- 1.024V
- 1.250V
- 1.800V
- 2.048V
- 2.500V
- 3.000V
- 3.300V
- 4.096V
- 4.500V (6-Lead SOT-23 package only)
- 5.000V (6-Lead SOT-23 package only)
• Output Noise: 30 µVRMS, 0.1 Hz to 10 kHz
(1.024V)
• AEC-Q100 Qualified (Automotive Applications)
- Package qualified: 6-Lead SOT-23
Applications
• Precision Data Acquisition Systems
• High-Resolution Data Converters
• Medical Equipment Applications
• Industrial Controls
• Battery-Powered Devices
• Electric Vehicle Battery Management Systems
Related Parts
• MCP1502: High-Precision Buffered Voltage
Reference
General Description
The MCP1501 is a buffered voltage reference capable
of sinking and sourcing 20 mA of current. The voltage
reference is a low-drift band gap based reference. The
band gap uses chopper-based amplifiers, effectively
reducing the drift to zero.
The MCP1501 is available in the following packages:
• 6-Lead SOT-23
- This package is AEC-Q100 automotive
qualified
• 8-Lead SOIC
• 8-Lead 2mmx2mm WDFN
Package Types
4
1
2
3
6 VDD
SHDN
OUT
GND
GND
5 GND
MCP1501
6-Lead SOT-23
FEEDBACK
GND
VDD/VIN
GND
SHDN
OUT
MCP1501
8-Lead SOIC
GND
GND
MCP1501
2x2 WDFN*
SHDN
GND
GND
OUT
GND
1
2
3
4
8
7
6
5 GND
FEEDBACK
VDD
EP
9
*Includes Exposed Thermal Pad (EP). See Table 1-1
8
7
6
5
1
2
3
4
High-Precision Buffered Voltage Reference


Similar Part No. - MCP1501

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1501 MICROCHIP-MCP1501 Datasheet
1Mb / 36P
High-Precision Buffered Voltage Reference
07/14/15
MCP1501-10E/CHY MICROCHIP-MCP1501-10E/CHY Datasheet
1Mb / 36P
High-Precision Buffered Voltage Reference
07/14/15
MCP1501-10E/RW MICROCHIP-MCP1501-10E/RW Datasheet
1Mb / 36P
High-Precision Buffered Voltage Reference
07/14/15
MCP1501-10E/SN MICROCHIP-MCP1501-10E/SN Datasheet
1Mb / 36P
High-Precision Buffered Voltage Reference
07/14/15
MCP1501-12E/CHY MICROCHIP-MCP1501-12E/CHY Datasheet
1Mb / 36P
High-Precision Buffered Voltage Reference
07/14/15
More results

Similar Description - MCP1501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD588 AD-AD588 Datasheet
3Mb / 12P
High Precision Voltage Reference
2/03-Data Sheet changed from REV. C to REV. D.
logo
National Semiconductor ...
LH0071 NSC-LH0071 Datasheet
131Kb / 6P
LH0070 Series Precision BCD Buffered Reference
logo
Linear Technology
LTC6652 LINER-LTC6652 Datasheet
337Kb / 16P
Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652_15 Datasheet
442Kb / 20P
Precision Low Drift Low Noise Buffered Reference
LTC6652_1208 LINER-LTC6652_1208 Datasheet
464Kb / 20P
Precision Low Drift Low Noise Buffered Reference
logo
Microchip Technology
MCP1501 MICROCHIP-MCP1501 Datasheet
1Mb / 36P
High-Precision Buffered Voltage Reference
07/14/15
logo
Texas Instruments
REF6225 TI1-REF6225 Datasheet
1Mb / 35P
High-Precision Voltage Reference
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
logo
Analog Technologies, In...
ATREF500 ANALOGTECHNOLOGIES-ATREF500 Datasheet
155Kb / 3P
High Precision Voltage Reference
6/12/2021
logo
Microchip Technology
MCP1502 MICROCHIP-MCP1502 Datasheet
18Mb / 28P
High-Precision Buffered Voltage Reference
Revision A September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com