Electronic Components Datasheet Search
  English  ▼

X  

MCP1501 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 3 Page - Microchip Technology

  MCP1501 Datasheet HTML 1Page - Microchip Technology MCP1501 Datasheet HTML 2Page - Microchip Technology MCP1501 Datasheet HTML 3Page - Microchip Technology MCP1501 Datasheet HTML 4Page - Microchip Technology MCP1501 Datasheet HTML 5Page - Microchip Technology MCP1501 Datasheet HTML 6Page - Microchip Technology MCP1501 Datasheet HTML 7Page - Microchip Technology MCP1501 Datasheet HTML 8Page - Microchip Technology MCP1501 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
 2015-2022 Microchip Technology Inc. and its subsidiaries
DS20005474G-page 3
MCP1501
1.0
PIN FUNCTION TABLE
The pin functions are described in Table 1-1.
1.1
Buffered VREF Output (OUT)
This is the Buffered Reference Output. On the WDFN
and SOIC package, this should be connected to the
FEEDBACK pin at the device. The output driver and
the Feedback are tristated when in shutdown.
1.2
Buffered VREF Feedback
(FEEDBACK)
This is the buffer amplifier feedback pin. On the WDFN
and SOIC package, this should be connected to the
OUT pin at the device. This connection is internal on
the SOT-23 package. Note that if there is routing
impedance or IR-drop between the OUT and
FEEDBACK pins, it is the FEEDBACK pin which accu-
rately holds the output voltage. This can be used in an
application to remove IR-drop effects on output voltage
caused by the Printed Circuit Board (PCB) or
interconnect resistance with a high-current load.
1.3
System Ground (GND)
This is the power supply return and should be
connected to system ground.
1.4
Shutdown Pin (SHDN)
This is a digital input that will place the device in
Shutdown. The device should be allowed to power up
before using this feature. This pin is active low. When
this pin is low there will be no output.
1.5
Power Supply Input (VDD)
This power pin also serves as the input voltage for the
voltage reference. Refer to the Electrical Tables to
determine minimum voltage, based on the device. It is
recommended to connect a 0.1uF capacitor very close
to the VDD pin.
1.6
Exposed Thermal Pad (EP)
Not
internally
connected,
but
grounding
is
recommended. This can be soldered to the ground on
the PCB.
TABLE 1-1:
PIN FUNCTION TABLE
SOT-23
SOIC
2 x 2 WDFN
Symbol
Function
17
7
OUT
VREF Output
—
8
8
FEEDBACK
VREF Feedback
2, 3, 5
2, 4, 5, 6
2, 4, 5, 6
GND
System Ground
4
3
3
SHDN
Shutdown Pin Active Low
61
1
VDD
Power Supply Input
—
—
9
EP
Exposed Thermal Pad
Note:
Before using the Shutdown pin, the device
should first be powered up. Once the
device is fully powered up, the Shutdown
pin can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com