Electronic Components Datasheet Search
  English  ▼

X  

MCP1501 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1501 Datasheet HTML 2Page - Microchip Technology MCP1501 Datasheet HTML 3Page - Microchip Technology MCP1501 Datasheet HTML 4Page - Microchip Technology MCP1501 Datasheet HTML 5Page - Microchip Technology MCP1501 Datasheet HTML 6Page - Microchip Technology MCP1501 Datasheet HTML 7Page - Microchip Technology MCP1501 Datasheet HTML 8Page - Microchip Technology MCP1501 Datasheet HTML 9Page - Microchip Technology MCP1501 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
MCP1501
DS20005474G-page 6
 2015-2022 Microchip Technology Inc. and its subsidiaries
Output Voltage MCP1501-10
VOUT
1.0230
1.0240
1.0250
V
Temperature at +25
C
MCP1501-12
1.2488
1.2500
1.2513
V
MCP1501-18
1.7982
1.800
1.8018
V
MCP1501-20
2.0460
2.0480
2.0500
V
MCP1501-25
2.4975
2.500
2.5025
V
MCP1501-30
2.9970
3.000
3.0030
V
MCP1501-33
3.2967
3.300
3.3033
V
MCP1501-40
4.0919
4.0960
4.1001
V
MCP1501-45
4.4955
4.500
4.5045
V
MCP1501-50
4.995
5.000
5.0050
V
Temperature
Coefficient
MCP1501-XX
TC
—
10
50
ppm/
C
Line
Regulation
MCP1501-XX
VOUT/VIN
—
5
50
ppm/V
MCP1501-50
—
5
—
Load
Regulation
VOUT /
IOUT
—
10 ppm –
sink
40 ppm –
sink
ppm/mA -5 mA < ILOAD
Load
Regulation
VOUT /
IOUT
—
15 ppm –
source
70 ppm –
source
ppm/mA ILOAD<+5mA
Dropout
Voltage
VDO
——
200
mV
-5 mA < ILOAD <+5mA
Power Supply
Rejection
Ratio
PSRR
94
dB
All device options,
VIN =5.5V,
60 Hz at 100 mVP-P
Shutdown
(Note 3)
VIL
1.35
V
VIN =5.5V
Refer to Section 1.4
“Shutdown Pin (SHDN)”
VIH
3.80
V
Output Voltage
Hysteresis
ΔVOUT_HYST
300
µV
Refer to Section 2.1.9
“Output Voltage
Hysteresis” for additional
details on testing conditions.
Output Noise
(Note 4)
MCP1501-10
eN
—
18
—
µVPP
0.1 Hz to 10 Hz, TA =+25C
—
30
—
µVRMS
0.1 Hz to 10 kHz, TA =+25C
MCP1501-40
eN
—
57
—
µVPP
0.1 Hz to 10 Hz, TA =+25C
—
97
—
µVRMS
0.1 Hz to 10 kHz, TA =+25C
Maximum
Load Current
ILOAD
—±20
—
mA
TA = +25°C
All device options.
Supply
Current
IDD
—
140
550
µA
No Load
—
—
350
No Load, TA =+25°C
Shutdown
Current
ISHDN
205
nA
TA = +25°C
All device options.
TABLE 2-1:
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise specified, VDD(MIN) VDD  5.5V at –40C  TA  +125C.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: On a rising VDD, the voltage at which with device internal reset will get released.
2: On dropping VDD, the voltage at which the internal reset circuit will reset. On the dropping VDD, it is
recommended to bring the VDD below this voltage to get a proper reset.
3: Before using the SHDN pin, the device should first be powered up. Once the device is fully powered up, the
Shutdown pin can be used.
4: µVPP is six times the value of the µVRMS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com