Electronic Components Datasheet Search
  English  ▼

X  

MCP6212 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP6212
Description  20 MHz, 200 μV Op Amps with mCal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6212 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP6212 Datasheet HTML 20Page - Microchip Technology MCP6212 Datasheet HTML 21Page - Microchip Technology MCP6212 Datasheet HTML 22Page - Microchip Technology MCP6212 Datasheet HTML 23Page - Microchip Technology MCP6212 Datasheet HTML 24Page - Microchip Technology MCP6212 Datasheet HTML 25Page - Microchip Technology MCP6212 Datasheet HTML 26Page - Microchip Technology MCP6212 Datasheet HTML 27Page - Microchip Technology MCP6212 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
MCP621/1S/2/3/4/5/9
DS20002188E-page 24
 2009-2021 Microchip Technology Inc. and its subsidiaries
A significant amount of current can flow out of the
inputs (through the ESD diodes) when the Common
mode voltage (VCM) is below ground (VSS); see
Figure 2-15. Applications that are high-impedance may
need to limit the usable voltage range.
4.2.3
NORMAL OPERATION
The input stage of the MCP621/1S/2/3/4/5/9 op amps
use a differential PMOS input stage. It operates at low
Common mode input voltage (VCM), with VCM up to
VDD – 1.3V and down to VSS – 0.3V. The input offset
voltage (VOS) is measured at VCM =VSS –0.3V and
VDD – 1.3V to ensure proper operation. See Figure 2-6
and Figure 2-7 for temperature effects.
When operating at very low noninverting gains, the out-
put voltage is limited at the top by the VCM range
(< VDD –1.3V); see Figure 4-5.
FIGURE 4-5:
Unity Gain Voltage
Limitations for Linear Operation.
4.3
Rail-to-Rail Output
4.3.1
MAXIMUM OUTPUT VOLTAGE
The Maximum Output Voltage (see Figure 2-16 and
Figure 2-17) describes the output range for a given
load. For instance, the output voltage swings to within
40 mV of the negative rail with a 2 k
 load tied to VDD/
2.
4.3.2
OUTPUT CURRENT
Figure 4-6 shows the possible combinations of output
voltage (VOUT) and output current (IOUT). IOUT is
positive when it flows out of the op amp into the
external circuit.
FIGURE 4-6:
Output Current.
4.3.2.1
Power Dissipation
Since the output short-circuit current (ISC) is specified
at ±70 mA (typical), these op amps are capable of both
delivering
and
dissipating
significant
power.
Two common loads, and their impact on the op amp’s
power dissipation, will be discussed.
Figure 4-7 shows a resistive load (RL) with a DC output
voltage (VOUT). VL is RL’s ground point, VSS is usually
ground (0V) and IOUT is the output current. The input
currents are assumed to be negligible.
FIGURE 4-7:
Diagram for Resistive Load
Power Calculations.
The DC currents are:
EQUATION 4-1:
The DC op amp power is:
EQUATION 4-2:
The maximum op amp power, for resistive loads at DC,
occurs when VOUT is halfway between VDD and VL, or
halfway between VSS and VL:
EQUATION 4-3:
VIN
VDD
VOUT
VSS V
IN V
OUT
VDD 1.3V
–
MCP62X
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IOUT (mA)
RL = 10Ω
RL = 100Ω
RL = 2 kΩ
VOH Limited
VOL Limited
(VDD = 5.5V)
VDD
VOUT
RL
VL
IDD
ISS
IOUT
VSS
MCP62X
IOUT
VOUT VL
–
RL
--------------------------
=
IDD IQ max 0 IOUT
,

+
ISS
I
– Q min 0 IOUT
,

+
Where:
IQ = Quiescent supply current for one op
amp (mA/amplifier)
VOUT = A DC value (V)
POA
IDD VDD VOUT
–
 I
SS VSS
VOUT
–

+
=
max POA

IDD VDD VSS
–

=
max
2 V
DD
VL
–
VL VSS
–

4RL
------------------------------------------------------------------
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com