Electronic Components Datasheet Search
  English  ▼

X  

MCP6212 Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP6212
Description  20 MHz, 200 μV Op Amps with mCal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6212 Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP6212 Datasheet HTML 59Page - Microchip Technology MCP6212 Datasheet HTML 60Page - Microchip Technology MCP6212 Datasheet HTML 61Page - Microchip Technology MCP6212 Datasheet HTML 62Page - Microchip Technology MCP6212 Datasheet HTML 63Page - Microchip Technology MCP6212 Datasheet HTML 64Page - Microchip Technology MCP6212 Datasheet HTML 65Page - Microchip Technology MCP6212 Datasheet HTML 66Page - Microchip Technology MCP6212 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
 2009-2021 Microchip Technology Inc. and its subsidiaries
DS20002188E-page 63
MCP621/1S/2/3/4/5/9
Microchip Technology Drawing C04-127D Sheet 2 of 2
Number of Pins
Overall Height
Overall Width
Contact Width
Overall Length
Exposed Pad Width
Exposed Pad Length
Contact Thickness
Pitch
Standoff
Units
Dimension Limits
e
E2
b
D2
D
A3
E
A1
A
N
MIN
0.65 BSC
0.20 REF
2.50
0.25
2.50
0.80
0.00
2.65
0.30
4.00 BSC
2.65
-
0.90
4.00 BSC
0.02
NOM
MILLIMETERS
16
2.80
0.35
2.80
-
1.00
0.05
MAX
Contact Length
L
0.30
0.40
0.50
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. Package is saw singulated
3. Dimensioning and tolerancing per ASME Y14.5M
Notes:
Contact-to-Exposed Pad
K
0.20
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
16-Lead Plastic Quad Flat, No Lead Package (ML) - 4x4x0.9mm Body [QFN]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com