Electronic Components Datasheet Search
  English  ▼

X  

MCP6212 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP6212
Description  20 MHz, 200 μV Op Amps with mCal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6212 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP6212 Datasheet HTML 24Page - Microchip Technology MCP6212 Datasheet HTML 25Page - Microchip Technology MCP6212 Datasheet HTML 26Page - Microchip Technology MCP6212 Datasheet HTML 27Page - Microchip Technology MCP6212 Datasheet HTML 28Page - Microchip Technology MCP6212 Datasheet HTML 29Page - Microchip Technology MCP6212 Datasheet HTML 30Page - Microchip Technology MCP6212 Datasheet HTML 31Page - Microchip Technology MCP6212 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
MCP621/1S/2/3/4/5/9
DS20002188E-page 28
 2009-2021 Microchip Technology Inc. and its subsidiaries
4.7.3
H-BRIDGE DRIVER
Figure 4-15 shows the MCP622 dual op amp used as
a H-bridge driver. The load could be a speaker or a DC
motor.
FIGURE 4-15:
H-Bridge Driver.
This circuit automatically makes the noise gains (GN)
equal, when the gains are set properly, so that the
frequency responses match well (in magnitude and in
phase). Equation 4-11 shows how to calculate RGT and
RGB so that both op amps have the same DC gains;
GDM needs to be selected first.
EQUATION 4-11:
Equation 4-12 gives the resulting Common mode and
Differential mode output voltages.
EQUATION 4-12:
RF
RF
VIN
VOT
RF
RGB
VOB
VDD/2
RGT
RL
½ MCP622
½ MCP622
GDM
VOT VOB
–
VIN VDD 2
–
-------------------------------- 2 V/V
RGT
RF
GDM 2
 1
–
---------------------------------
=
RGB
RF
GDM 2
-------------------
=
VOT V
+
OB
2
---------------------------
VDD
2
-----------
=
VOT V
–
OB
GDM VIN
VDD
2
-----------
–


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com