Electronic Components Datasheet Search
  English  ▼

X  

MCP6212 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP6212
Description  20 MHz, 200 μV Op Amps with mCal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6212 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP6212 Datasheet HTML 23Page - Microchip Technology MCP6212 Datasheet HTML 24Page - Microchip Technology MCP6212 Datasheet HTML 25Page - Microchip Technology MCP6212 Datasheet HTML 26Page - Microchip Technology MCP6212 Datasheet HTML 27Page - Microchip Technology MCP6212 Datasheet HTML 28Page - Microchip Technology MCP6212 Datasheet HTML 29Page - Microchip Technology MCP6212 Datasheet HTML 30Page - Microchip Technology MCP6212 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
 2009-2021 Microchip Technology Inc. and its subsidiaries
DS20002188E-page 27
MCP621/1S/2/3/4/5/9
It is also possible to add a capacitor (CF) in parallel with
RF to compensate for the destabilizing effect of CG.
This makes it possible to use larger values of RF.
The conditions for stability are summarized in
Equation 4-10.
EQUATION 4-10:
4.5
Power Supply
With this family of operational amplifiers, the power
supply pin (VDD for single supply) should have a local
bypass capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm
for good high-frequency performance. Surface mount,
multilayer ceramic capacitors, or their equivalent,
should be used.
These op amps require a bulk capacitor (i.e., 2.2 µF or
larger) within 50 mm to provide large, slow currents.
Tantalum capacitors, or their equivalent, may be a good
choice. This bulk capacitor can be shared with other
nearby analog parts as long as crosstalk through the
supplies does not prove to be a problem.
4.6
High Speed PCB Layout
These op amps are fast enough that a little extra care
in the PCB (Printed Circuit Board) layout can make a
significant difference in performance. Good PC board
layout
techniques
will
help
you
achieve
the
performance shown in the specifications and Typical
Performance Curves; it will also help you minimize
EMC (Electro-Magnetic Compatibility) issues.
Use a solid ground plane. Connect the bypass local
capacitor(s) to this plane with minimal length traces.
This cuts down inductive and capacitive crosstalk.
Separate digital from analog, low-speed from high-
speed, and low-power from high-power. This will
reduce interference.
Keep sensitive traces short and straight. Separate
them from interfering components and traces. This is
especially important for high-frequency (low rise time)
signals.
Sometimes, it helps to place guard traces next to victim
traces. They should be on both sides of the victim
trace, and as close as possible. Connect guard traces
to ground plane at both ends, and in the middle for long
traces.
Use coax cables, or low-inductance wiring, to route the
signal and power to and from the PCB. Mutual and self-
inductance of power wires is often a cause of crosstalk
and unusual behavior.
4.7
Typical Applications
4.7.1
POWER DRIVER WITH HIGH GAIN
Figure 4-13 shows a power driver with high gain
(1 + R2/R1). The MCP621/1S/2/3/4/5/9 op amp’s short-
circuit current makes it possible to drive significant
loads. The calibrated input offset voltage supports
accurate response at high gains. R3 should be small,
and equal to R1||R2, in order to minimize the bias
current induced offset.
FIGURE 4-13:
Power Driver.
4.7.2
OPTICAL DETECTOR AMPLIFIER
Figure 4-14 shows a transimpedance amplifier, using
the MCP621 op amp, in a photo detector circuit. The
photo detector is a capacitive current source. The op
amp’s input Common mode capacitance (9 pF, typical)
and Differential capacitance (2 pF, typical) act in paral-
lel with CD. RF provides enough gain to produce 10 mV
at
VOUT. CF stabilizes the gain and limits
the transimpedance bandwidth to about 0.51 MHz.
RF’s parasitic capacitance (e.g., 0.15 pF for a
0603 SMD) acts in parallel with CF.
FIGURE 4-14:
Transimpedance Amplifier
for an Optical Detector.
fF fGBWP 2GN2

, GN1 GN2
<
We need:
GN1
1RF RG
+
=
GN2
1CG CF
+
=
fF
12
R
FCF

=
fZ
fF GN1 GN2

=
Given:
fF fGBWP 4GN1

, GN1 GN2
>
R1
R2
VIN
VDD/2
VOUT
R3
RL
MCP62X
Photo
Detector
CD
CF
RF
VDD/2
30pF
100 k
3pF
ID
100 nA
VOUT
MCP621



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com