Electronic Components Datasheet Search
  English  ▼

X  

VSP9447B Datasheet(PDF) 91 Page - Micronas

Part # VSP9447B
Description  PRIMUS Powerful Scan-Rate Converter including Multistandard Color Decoder
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VSP9447B Datasheet(HTML) 91 Page - Micronas

Back Button VSP9447B Datasheet HTML 87Page - Micronas VSP9447B Datasheet HTML 88Page - Micronas VSP9447B Datasheet HTML 89Page - Micronas VSP9447B Datasheet HTML 90Page - Micronas VSP9447B Datasheet HTML 91Page - Micronas VSP9447B Datasheet HTML 92Page - Micronas VSP9447B Datasheet HTML 93Page - Micronas VSP9447B Datasheet HTML 94Page - Micronas VSP9447B Datasheet HTML 95Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 126 page
background image
DATA SHEET
VSP 94x2A
Micronas
Aug. 16, 2004; 6251-552-1DS
91
Subaddress 85h (Read-only)
D5
LBSTATUS
[FP-TNR]
Status bit for letter box detection:
0: No new value available
1: New value from Letter Box Detection available
Note: reset automatically when read
D4
PFBL
[FP-TNR]
Indicates Overflow at FBL Input
‘0’: no overflow
‘1’: overflow
Note: reset automatically when read
D3
PG
[FP-TNR]
Indicates Overflow at GREEN Input
‘0’: no overflow
‘1’: overflow
Note: reset automatically when read
D2
PB
[FP-TNR]
Indicates Overflow at BLUE Input
‘0’: no overflow
‘1’: overflow
Note: reset automatically when read
D1
PR
[FP-TNR]
Indicates Overflow at RED Input
‘0’: no overflow
‘1’: overflow
Note: reset automatically when read
D0
NMSTATUS
[FP-TNR]
Indicates New Value of the Noise Measurement
0: NOISEME has not been updated
1: New value of NOISEME available
Note: reset automatically when read
Subaddress 86h (Read-only)
D0
STABLL
[PP]
Shows LL-HPLL Lock Status
‘0’: LL_HPLL is not locked
‘1’: LL_HPLL is locked
Subaddress 87h (Read-only)
D1-D0
SMMIRROR
[BP-O/M]
Operation mode for scan rate conversion:
‘00’: AABB (Raster ααββ)
‘01’: AAAA (Raster αααα)
‘10’: AAAA (Raster αβαβ)
‘11’: BBBB (Raster ββββ)
Table 3–8: I2C bus command description, continued
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com