Electronic Components Datasheet Search
  English  ▼

X  

VSP9447B Datasheet(PDF) 94 Page - Micronas

Part # VSP9447B
Description  PRIMUS Powerful Scan-Rate Converter including Multistandard Color Decoder
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VSP9447B Datasheet(HTML) 94 Page - Micronas

Back Button VSP9447B Datasheet HTML 90Page - Micronas VSP9447B Datasheet HTML 91Page - Micronas VSP9447B Datasheet HTML 92Page - Micronas VSP9447B Datasheet HTML 93Page - Micronas VSP9447B Datasheet HTML 94Page - Micronas VSP9447B Datasheet HTML 95Page - Micronas VSP9447B Datasheet HTML 96Page - Micronas VSP9447B Datasheet HTML 97Page - Micronas VSP9447B Datasheet HTML 98Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 126 page
background image
VSP 94x2A
DATA SHEET
94
Aug. 16, 2004; 6251-552-1DS
Micronas
Subaddress 8Fh (Read-only, NOT compatible to 940X family)
D3
SLS
[CP-I2C]
Line Standard At Device Output
‘0’: 100 Hz (VSP 9402A, VSP 9412A)
‘1’: 50 Hz (VSP 9432A, VSP 9442A)
D2-D0
VERSION
[CP-I2C]
Version Of VSP 94XX Family
‘001’: VSP 94x5B
‘010’: VSP 94x2A
‘011’: VSP 94x7B
‘101’: VSP 94x9C
others: reserved
Subaddress 90h (Read-only)
D7
AM50O
[CP-I2C]
Last detected Standard 50 Hz
‘0’: PAL or none
‘1’: SECAM
D6
AM60O
[CP-I2C]
Last detected Standard 60 Hz
‘0’: NTSC M or none
‘1’: NTSC44 or PAL60
D5-D0
AGCADJCV
[CP-I2C]
AGC value for ADC1
000000: smallest input range
111111: biggest input range
Subaddress 91h (Read-only)
D6-D0
VLENGTH
[CP-I2C]
Length of vertical pulse
0000000: short v
1111111: long v
Subaddress 92h (Read-only)
D7-D0
MINV
[CP-I2C]
Measured sync amplitude
00000000: smallest sync
11111111: largest sync
Subaddress 93h (Read-only)
D4-D0
PWADJCNT
[CP-I2C]
Peak White adjust counter
00000: no PW reduction
11111: largest PW reduction
Subaddress 96h (Read-only)
D0
V40STAT
[FP-I2C]
V Status bit of 40.5 MHz domain
‘0’: New write or read cycle can start
‘1’: No new write or read cycle can start
Subaddress 98h (Read-only)
D0
V36BSTAT
[BP-I2C]
V Status bit of backend 36 MHz domain
‘0’: New write or read cycle can start
‘1’: No new write or read cycle can start
Table 3–8: I2C bus command description, continued
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com