Electronic Components Datasheet Search
  English  ▼

X  

VSP9447B Datasheet(PDF) 25 Page - Micronas

Part # VSP9447B
Description  PRIMUS Powerful Scan-Rate Converter including Multistandard Color Decoder
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VSP9447B Datasheet(HTML) 25 Page - Micronas

Back Button VSP9447B Datasheet HTML 21Page - Micronas VSP9447B Datasheet HTML 22Page - Micronas VSP9447B Datasheet HTML 23Page - Micronas VSP9447B Datasheet HTML 24Page - Micronas VSP9447B Datasheet HTML 25Page - Micronas VSP9447B Datasheet HTML 26Page - Micronas VSP9447B Datasheet HTML 27Page - Micronas VSP9447B Datasheet HTML 28Page - Micronas VSP9447B Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 126 page
background image
DATA SHEET
VSP 94x2A
Micronas
Aug. 16, 2004; 6251-552-1DS
25
2.5.2. Digital Color Transition Improvement (DCTI)
A digital algorithm is implemented to improve horizon-
tal transitions of the chrominance signals resulting in a
better picture sharpness. A correction signal propor-
tional to the slope of the detected horizontal transition
of the input signal is added to the original input signal.
The amplitude of the correction signal is adjustable by
the I2C bus parameter ASCENTCTI.
The I²C bus parameter THRESHC modifies the sensi-
tivity of the DCTI circuit. High values of THRESHC
result in an improvement of significant color transitions
only.
Table 2–11: Conversion table between HCOF/BCOF
and GAINHP/GAINBP
BCOF
GAINBP
HCOF
GAINHP
0
−10
−1
1
−0.75
1
−0.75
2
−0.50
2
−0.50
3
−0.25
3
−0.25
4
0.00
4
0.00
5
0.25
5
0.25
6
0.50
6
0.50
7
0.75
7
0.75
8
1.00
8
1.00
9
1.25
9
1.25
10
1.50
10
1.50
11
1.75
11
1.75
12
2.00
12
2.00
13
2.50
13
2.50
14
3.00
14
3.00
15
4.00
15
4.00
Table 2–12: Peaking filter adaption for 36 MHz or 27 MHz operation
Expansion Factor of
Postscaler
Corresponding Frequency of Input
Signal for Center Frequency
Bandpass (B=0.25)
CLKB36=36 MHz/27 MHZ
Corresponding Frequency of Input
Signal for Center Frequency Highpass
(B=0.5)
CLKB36=36 MHz/27 MHZ
0.75
3.375 MHz / 2.5 MHz
6.75 MHz / 5.06 MHz
...
...
...
1
4.5 MHz / 3.375 MHz
9 MHz / 6.75 MHz
...
...
...
3
13.5 MHz / 10.125 MHz
27 MHz / 20.25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com