Electronic Components Datasheet Search
  English  ▼

X  

VSP9447B Datasheet(PDF) 12 Page - Micronas

Part # VSP9447B
Description  PRIMUS Powerful Scan-Rate Converter including Multistandard Color Decoder
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VSP9447B Datasheet(HTML) 12 Page - Micronas

Back Button VSP9447B Datasheet HTML 8Page - Micronas VSP9447B Datasheet HTML 9Page - Micronas VSP9447B Datasheet HTML 10Page - Micronas VSP9447B Datasheet HTML 11Page - Micronas VSP9447B Datasheet HTML 12Page - Micronas VSP9447B Datasheet HTML 13Page - Micronas VSP9447B Datasheet HTML 14Page - Micronas VSP9447B Datasheet HTML 15Page - Micronas VSP9447B Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 126 page
background image
VSP 94x2A
DATA SHEET
12
Aug. 16, 2004; 6251-552-1DS
Micronas
2.1.6. Luminance Processing
A luminance notch filter is implemented to separate
the chroma information from the luminance. Depend-
ing on the color standard, one out of three different
notch characteristics is chosen (‘PAL’, ‘NTSC’,
‘SECAM’) automatically.
For PAL and Secam the respective notch filters have 5
different characteristics each. The luminance notch fil-
ter for NTSC can be set to 4 different filter response
curves. They can be selected by NTCHSEL. Alterna-
tively, no notch should be used for Y/C input
(NOTCHOFF). The filter characteristics can be found
in Figure 2–8. In SECAM operation, the notch filter can
be fixed to one frequency or toggle between 4.4 MHz
and 4.25 MHz depending on the transmitted color (Dr,
Db) (SECNTCH).
A simple lowpass-filter can be enabled by LPPOST to
further reduce high-frequency noise component from
the CVBS signal.
Fig. 2–8: Filter Characteristics for NTSC, PAL M and
PAL N
Fig. 2–9: Filter Characteristics for PAL B/G, NTSC44,
PAL60
Fig. 2–10: Filter Characteristics for SECAM
(SECNTCH=’01’, 4.25 MHz)
Fig. 2–11: Filter Characteristics for Y/C mode.
The black level can be shifted by the parameter
LMOFST. This is required to compensate 7.5 IRE off-
sets in some input signals (e.g. NTSC)
The positive or
negative offset is added to the Y signal before scaling.
Fig. 2–12: Adjustment of ‘Black’ to ‘Blankingvalue’ at
Analog Output.
3.58
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
30
25
20
15
10
5
0
5
characteristic for NTSC
frequency [MHz]
’x00’
NTCHSEL=
’x01’
’x10’
’x11’
4.43
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
30
25
20
15
10
5
0
5
characteristic for PAL
frequency [MHz]
NTCHSEL=
’000’
’100’
’010’
’011’
’001’
4.25
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
30
25
20
15
10
5
0
5
characteristic for SECAM (4.25 MHz)
frequency [MHz]
NTCHSEL=
’000’
’100’
’010’
’011’
’001’
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
30
25
20
15
10
5
0
5
characteristic for Y/C
frequency [MHz]
LPPOST=1
LPPOST=0
LMOFST='01'
LMOFST='11'
LMOFST='00'
LMOFST='10'
BLANKING BLACK
LMOFST='01'
LMOFST='11'
LMOFST='00'
LMOFST='10'
BLANKING
BLACK
Input signals without 7.5IRE offset
Input signals with 7.5IRE offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com