Electronic Components Datasheet Search
  English  ▼

X  

UPD63 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD63
Description  MOS INTEGRATED CIRCUIT
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD63 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD63 Datasheet HTML 1Page - Renesas Technology Corp UPD63 Datasheet HTML 2Page - Renesas Technology Corp UPD63 Datasheet HTML 3Page - Renesas Technology Corp UPD63 Datasheet HTML 4Page - Renesas Technology Corp UPD63 Datasheet HTML 5Page - Renesas Technology Corp UPD63 Datasheet HTML 6Page - Renesas Technology Corp UPD63 Datasheet HTML 7Page - Renesas Technology Corp UPD63 Datasheet HTML 8Page - Renesas Technology Corp UPD63 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
The mark
shows major revised points.
4-BIT SINGLE-CHIP MICROCONTROLLER
FOR INFRARED REMOTE CONTROL TRANSMISSION
DESCRIPTION
Equipped with low-voltage 1.8 V operation, a carrier generation circuit for infrared remote control transmission,
a standby release function through key entry, and a programmable timer, the
µPD63, 63A, and 64 are suitable for
infrared remote control transmitters.
For the
µPD63, 63A and 64, we have made available the one-time PROM product µPD6P4B for program
evaluation or small-quantity production.
FEATURES
• Program memory (ROM)
·
µPD63 : 512 × 10 bits
·
µPD63A: 768 × 10 bits
·
µPD64 : 1002 × 10 bits
• Data memory (RAM): 32
× 4 bits
• Built-in carrier generation circuit for infrared remote control
• 9-bit programmable timer
: 1 channel
• Command execution time
: 8
µs (when operating at fX = 8 MHz: ceramic oscillation)
• Stack level
: 1 level (Stack RAM is for data memory RF as well.)
• I/O pins (KI/O)
: 8 units
• Input pins (KI)
: 4 units
• Sense input pin (S0)
: 1 unit
•S1/LED pin (I/O)
: 1 unit (When in output mode, this is the remote control transmission display
pin.)
• Power supply voltage
: VDD = 1.8 to 3.6 V (when operating at fX = 4 MHz)
VDD = 2.2 to 3.6 V (when operating at fX = 8 MHz)
• Operating ambient temperature : TA = –40 to +85 ˚C
• Oscillator frequency
: fX = 2.4 to 8 MHz
• POC circuit (Mask option)
APPLICATION
Infrared remote control transmitter (for AV and household electric appliances)
Unless otherwise stated, the
µPD63 is taken as a representative product in this document.
MOS INTEGRATED CIRCUIT
µPD63, 63A, 64
Document No. U11371EJ3V0DS00 (3rd edition)
Date Published November 1998 N CP(K)
Printed in Japan
The information in this document is subject to change without notice.
©
1996
DATA SHEET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com