Electronic Components Datasheet Search
  English  ▼

X  

UPD63 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD63
Description  MOS INTEGRATED CIRCUIT
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD63 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD63 Datasheet HTML 19Page - Renesas Technology Corp UPD63 Datasheet HTML 20Page - Renesas Technology Corp UPD63 Datasheet HTML 21Page - Renesas Technology Corp UPD63 Datasheet HTML 22Page - Renesas Technology Corp UPD63 Datasheet HTML 23Page - Renesas Technology Corp UPD63 Datasheet HTML 24Page - Renesas Technology Corp UPD63 Datasheet HTML 25Page - Renesas Technology Corp UPD63 Datasheet HTML 26Page - Renesas Technology Corp UPD63 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
21
µPD63, 63A, 64
4.3 Carrier Output
The carrier for remote-controlled transmission can be output from the REM pin by clearing (to 0) bit 2 of the control
register 0.
As shown in Figure 4-3, in the case where the timer stops when the carrier is at a high level, the carrier continues
to be output until its next fall and then stops due to the function of the carrier synchronous circuit. When the timer
starts operation, however, the high-level width of the first carrier may become shorter than the specified width.
Figure 4-3. Timer Output (when carrier is output)
Timer value: (Set value+1)
× 64/fX (or 128/fX)
LED
REM (at low-level start)
REM (at high-level start)
Note 1
Note 2
Notes 1. Error when the REM output ends: Lead by “the carrier’s low-level width” to lag by “the carrier’s high-
level width”
2. Error of the carrier’s high-level width: 0 to “the carrier’s high-level width”
4.4 Software Control of Timer Output
The timer output can be controlled by software. As shown in Figure 4-4, the pulse with a minimum width of 1-
instruction cycle (64/fX) can be output.
Figure 4-4. Pulse Output of 1-Instruction Cycle Width
MOV T, #0000000000B; low-level output from the REM pin
MOV T, #1000000000B; high-level output from the REM pin
MOV T, #0000000000B; low-level output from the REM pin
64/fX
LED
REM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com