Electronic Components Datasheet Search
  English  ▼

X  

UPD63 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # UPD63
Description  MOS INTEGRATED CIRCUIT
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD63 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button UPD63 Datasheet HTML 41Page - Renesas Technology Corp UPD63 Datasheet HTML 42Page - Renesas Technology Corp UPD63 Datasheet HTML 43Page - Renesas Technology Corp UPD63 Datasheet HTML 44Page - Renesas Technology Corp UPD63 Datasheet HTML 45Page - Renesas Technology Corp UPD63 Datasheet HTML 46Page - Renesas Technology Corp UPD63 Datasheet HTML 47Page - Renesas Technology Corp UPD63 Datasheet HTML 48Page - Renesas Technology Corp UPD63 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
43
µPD63, 63A, 64
9.8 Subroutine Instructions
The program memory consists of pages in steps of 1K (000H to 3FFH). However, as the assembler automatically
performs page optimization, it is unnecessary to designate pages. The pages allowed for each product are as
follows.
µPD63 (ROM: 0.5K steps)
: page 0
µPD63A (ROM: 0.75K steps): page 0
µPD64 (ROM: 1K steps)
: page 0
µPD6P4B (PROM: 1K steps) : page 0
CALL addr
<1> Instruction code
: 0 01101001 0
page 0
0100010001
; page 1 0100110001
a9 a7 a6 a5 a4 a8 a3 a2 a1 a0
<2> Cycle count
: 2
<3> Function
: SP
← SP + 1
ASR
← PC
PC
← addr
Increments (+1) the stack pointer value and saves the program counter value in the address stack
register. Then, enters the address specified with the operand addr (a9 to a0) into the program counter.
If a carry is generated when the stack pointer value is incremented (+1), an internal reset takes effect.
RET
<1> Instruction code
: 0 10001001 0
<2> Cycle count
: 1
<3> Function
: PC
← ASR
SP
← SP – 1
Restores the value saved in the address stack register to the program counter. Then, decrements
(–1) the stack pointer.
If a borrow is generated when the stack pointer value is decremented (–1), an internal reset takes effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com