Electronic Components Datasheet Search
  English  ▼

X  

UPD63 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPD63
Description  MOS INTEGRATED CIRCUIT
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD63 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPD63 Datasheet HTML 18Page - Renesas Technology Corp UPD63 Datasheet HTML 19Page - Renesas Technology Corp UPD63 Datasheet HTML 20Page - Renesas Technology Corp UPD63 Datasheet HTML 21Page - Renesas Technology Corp UPD63 Datasheet HTML 22Page - Renesas Technology Corp UPD63 Datasheet HTML 23Page - Renesas Technology Corp UPD63 Datasheet HTML 24Page - Renesas Technology Corp UPD63 Datasheet HTML 25Page - Renesas Technology Corp UPD63 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
20
µPD63, 63A, 64
4.2 Timer Operation
The timer starts (counting down) when a value other than 0 is set for the down counter with a timer operation
instruction. The timer operation instructions for making the timer start operation are shown below:
MOV T0, A
MOV T1, A
MOV T, #data10
MOV T, @R0
The down counter is decremented (–1) in the cycle of 64/fX or 128/fXNote. If the value of the down counter becomes
0, the zero detecting circuit generates the timer operation end signal to stop the timer operation. At this time, if
the timer is in HALT mode (HALT #
×101B) waiting for the timer to stop its operation, the HALT mode is canceled
and the instruction following the HALT instruction is executed. The output of the timer operation end signal is
continued while the down counter is 0 and the timer is stopped. There is the following relational expression between
the timer’s time and the down counter’s set value.
Timer time = (Set value + 1)
× 64/fX (or 128/fXNote)
Note This becomes 128/fX if bit 3 of the control register is set (to 1).
By setting 1 for the flag (t9) which enables the timer output, the timer can output its operation status from the
S1/LED pin and the REM pin. The REM pin can also output the carrier while the timer is in operation.
Table 4-1. Timer Output (at t9 = 1)
S1/LED Pin
REM Pin
Timer operating
L
H (or carrier outputNote)
Timer halting
H
L
Note The carrier output results if bit 2 of the control register 0 is cleared (to 0).
Figure 4-2. Timer Output (when carrier is not output)
Timer value: (set value + 1)
× 64/fX (or 128/fX)
LED
REM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com