Electronic Components Datasheet Search
  English  ▼

X  

UPD67B Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # UPD67B
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD67B Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button UPD67B Datasheet HTML 25Page - Renesas Technology Corp UPD67B Datasheet HTML 26Page - Renesas Technology Corp UPD67B Datasheet HTML 27Page - Renesas Technology Corp UPD67B Datasheet HTML 28Page - Renesas Technology Corp UPD67B Datasheet HTML 29Page - Renesas Technology Corp UPD67B Datasheet HTML 30Page - Renesas Technology Corp UPD67B Datasheet HTML 31Page - Renesas Technology Corp UPD67B Datasheet HTML 32Page - Renesas Technology Corp UPD67B Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
27
µPD67B, 68B
Data Sheet U16792EJ1V1DS
5. STANDBY FUNCTION
5.1 Outline of Standby Function
To save power consumption, two types of standby modes, i.e., HALT mode and STOP mode, have been provided
available.
In STOP mode, the system clock stops oscillation. At this time, the XIN and XOUT pins are fixed to a low level.
In HALT mode, CPU operation halts, while the system clock continues oscillation. When in HALT mode, the
timer (including REM output and LED output) operates.
In either STOP mode or HALT mode, the statuses of the data memory, accumulator, and port registers, etc.
immediately before the standby mode is set are retained. Therefore, make sure to set the port status for the system
so that the power consumption of the whole system is suppressed before the standby mode is set.
Table 5-1. Statuses During Standby Mode
STOP Mode
HALT Mode
Setting instruction
HALT instruction
Clock oscillator
Oscillation stopped
Oscillation continued
CPU
• Operation halted
Data memory
• Immediately preceding status retained
Operation
Accumulator
• Immediately preceding status retained
statuses
Flag
F
• 0 (When 1, the flag is not placed in the standby mode.)
CY
• Immediately preceding status retained
Port register
• Immediately preceding status retained
Timer
• Operation halted
• Operable
(The count value is reset to “0”)
Cautions 1. Write the NOP instruction as the first instruction after STOP mode is released.
2. When standby mode is released, the status flag (F) is set (to 1).
3. If, at the point the standby mode has been set, its release condition is met, then the system
does not enter the standby mode. However, the status flag (F) is set (1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com