Electronic Components Datasheet Search
  English  ▼

X  

UPD67B Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPD67B
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD67B Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPD67B Datasheet HTML 16Page - Renesas Technology Corp UPD67B Datasheet HTML 17Page - Renesas Technology Corp UPD67B Datasheet HTML 18Page - Renesas Technology Corp UPD67B Datasheet HTML 19Page - Renesas Technology Corp UPD67B Datasheet HTML 20Page - Renesas Technology Corp UPD67B Datasheet HTML 21Page - Renesas Technology Corp UPD67B Datasheet HTML 22Page - Renesas Technology Corp UPD67B Datasheet HTML 23Page - Renesas Technology Corp UPD67B Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
18
µPD67B, 68B
Data Sheet U16792EJ1V1DS
3.3.1 RAM retention flag (bit 3 of P3)
The RAM retention flag indicates whether the supply voltage has fallen below the level at which the contents
of the RAM are lost while the battery is being exchanged or when the battery voltage has dropped.
This flag is at bit 3 of control register 0 (P3).
It is cleared to 0 if the supply voltage drops below the RAM retention detection voltage (approx. 1.5 V TYP.).
If this flag is 0, it can be judged that the RAM contents have been lost or that power has just been applied. This
flag can be used to initialize the RAM via software. After initializing the RAM and writing the necessary data to it,
set this RAM retention flag to 1 by software. At this time, 1 means that data has been set to the RAM.
Figure 3-2. Supply Voltage Transition and Detection Voltage
(1) If the supply voltage rises after the battery has been set, and exceeds VPOC (POC detection voltage),
reset is cleared. Because the supply voltage rises from 0 V, which is lower than VID (RAM retention
detection voltage), the RAM retention flag remains in the initial status 0.
(2) The supply voltage has now risen to the level at which the device can operate. Write the necessary data
to the RAM and set the RAM retention flag to 1.
(3) The device is reset if the supply voltage drops below VPOC. At point (A) in the figure, the voltage is lower
than VID. Consequently, the RAM retention flag is cleared to 0.
(4) If the RAM retention flag is checked by software after reset has been cleared, it is 0. This means that
the contents of the RAM may have been lost. If this case, initialize the RAM by software.
Cautions 1. The software developed for the
µPD67, 67A, 68, 68A, and 69 (using the RAM retention flag)
can be used for the
µPD67B and 68B as is.
2. Unlike the
µPD67, 67A, 68, 68A, and 69, the RAM retention detection voltage of the µPD67B
and 68B is the same as the POC detection voltage. When software is newly developed,
it is not necessary to use the RAM retention flag if only the RAM is initialized by reset.
VDD
VPOC/VID
0 V
RAM retention flag
(A)
(4)
(3)
(2)
Set to 1
Flag contents
are read
(1)
t
POC detection voltage/
RAM retention detection voltage
VPOC = VID = 1.5 V (TYP.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com