Electronic Components Datasheet Search
  English  ▼

X  

UPD67B Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # UPD67B
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD67B Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button UPD67B Datasheet HTML 44Page - Renesas Technology Corp UPD67B Datasheet HTML 45Page - Renesas Technology Corp UPD67B Datasheet HTML 46Page - Renesas Technology Corp UPD67B Datasheet HTML 47Page - Renesas Technology Corp UPD67B Datasheet HTML 48Page - Renesas Technology Corp UPD67B Datasheet HTML 49Page - Renesas Technology Corp UPD67B Datasheet HTML 50Page - Renesas Technology Corp UPD67B Datasheet HTML 51Page - Renesas Technology Corp UPD67B Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 73 page
background image
46
µPD67B, 68B
Data Sheet U16792EJ1V1DS
MOV R0n, A
MOV R1n, A
<1> Instruction code:
0 010 R4 0R3 R2 R1 R0
<2> Cycle count:
1
<3> Function:
(Rmn)
← (A) m = 0, 1 n = 0 to F
The accumulator contents are transferred to register Rmn.
MOV Rn, #data8
<1> Instruction code:
0 01100 R3 R2 R1 R0
0 d7 d6 d5 d4 0d3 d2 d1 d0
<2> Cycle count:
1
<3> Function:
(R1n-R0n)
← data8 n = 0 to F
The immediate data is transferred to the register. Using this instruction, registers operate as register
pairs.
The pair combinations are as follows:
R0: R10 - R00
R1: R11 - R01
:
RE: R1E - R0E
RF: R1F - R0F
Lower column
Higher column
MOV Rn, @R0
<1> Instruction code:
0 01110 R3 R2 R1 R0
<2> Cycle count:
1
<3> Function:
(R1n-R0n)
← ((P13), (R0)) n = 1 to F
The program memory contents specified by control register P13 and register pair R10 to R00 are
transferred to register pair R1n to R0n. The program memory consists of 10 bits and has the following
state after the transfer to the register.
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
@R0
→
R1n
R0n
Program memory
The higher 2 to 4 bits of the program memory address are specified by the control register (P13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com