Electronic Components Datasheet Search
  English  ▼

X  

VSC835 Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC835
Description  34x34 Crosspoint Switch with Signal Detection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC835 Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC835 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 12Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Datasheet
VSC835
2.5 Gbits/sec
34x34 Crosspoint Switch with Signal Detection
Page 8
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
7/24/00
G52270-0, Rev. 4.1
Absolute Maximum Ratings
Power Supply Voltage (VCC) Potential to GND ............................................................................-0.5 V to +4.0 V
TTL Input Voltage Applied ................................................................................................... -0.5 V to Vcc+0.5 V
ECL Input Voltage Applied .................................................................................................. -0.5 V to VCC +0.5 V
Output Current (IOUT)................................................................................................................................... 50 mA
Input Current (IIN) ...................................................................................................................................... ±50 mA
VTERM Current (ITERM) ............................................................................................................................ ±800 mA
Case Temperature Under Bias (TC) ................................................................................................-55
o to + 125oC
Storage Temperature (TSTG) ...........................................................................................................-65
o to + 150oC
Note: Caution: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without causing per-
manent damage. Functionality at or exceeding the values listed is not implied. Exposure to these values for extended
periods may affect device reliability.
Operating Conditions
Supply voltage (VEE) ......................................................................................................................................... 0 V
Supply voltage (VCC) .............................................................................................................................+3.3V ±5%
Supply voltage (VCCP) ...........................................................................................................................+3.3V ±5%
Termination voltage (VTERM)...................................................................................................................VCC-1.3V
Case Temperature Operating Range (T)................................................................................................ 0o to 85oC
ESD Ratings
Proper ESD procedures should be used when handling this product. The VSC835 is rated to the following
ESD voltages based on the human body model:
1. All pins are rated at or above TBD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com