Electronic Components Datasheet Search
  English  ▼

X  

VSC835 Datasheet(PDF) 16 Page - Vitesse Semiconductor Corporation

Part # VSC835
Description  34x34 Crosspoint Switch with Signal Detection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC835 Datasheet(HTML) 16 Page - Vitesse Semiconductor Corporation

Back Button VSC835 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC835 Datasheet HTML 18Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Datasheet
VSC835
2.5 Gbits/sec
34x34 Crosspoint Switch with Signal Detection
Page 16
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
7/24/00
G52270-0, Rev. 4.1
Package Information
DIMENSIONAL REFERENCES
REF.
MIN.
NOM.
MAX.
A
A1
D
D1
E
E1
M
b
c
aaa
e
1.95
26.80
27.00
27.20
24.13 (BSC.)
20
0.85
1.25
0.25
1.27 TYP.
N
256
ccc
0.25
1.80
1.65
0.75
1.15
0.65
1.05
0.60
0.65
0.70
26.80
27.00
27.20
24.13 (BSC.)
0.15
P
g
0.40
F
0.50
NOTES:
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
DETAIL B
BOTTOM VIEW
-A-
0.10
-B-
TOP VIEW
11
D
E
(4 PLCS)
c
A1
4
DETAIL B
b
g
g
27mm 256 BGA Package Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com