Electronic Components Datasheet Search
  English  ▼

X  

PI7C8150AMA Datasheet(PDF) 80 Page - Pericom Semiconductor Corporation

Part # PI7C8150AMA
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AMA Datasheet(HTML) 80 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AMA Datasheet HTML 76Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 77Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 78Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 79Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 80Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 81Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 82Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 83Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 84Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 80 of 111
APRIL 2006 – Revision 1.1
Bit
Function
Type
Description
27
Signaled Target
Abort
R/WC
Set to 1 (by a target device) whenever a target abort cycle occurs
Reset to 0
28
Received Target
Abort
R/WC
Set to 1 (by a master device) whenever transactions are terminated
with target aborts
Reset to 0
29
Received Master
Abort
R/WC
Set to 1 (by a master) when transactions are terminated with Master
Abort
Reset to 0
30
Signaled System
Error
R/WC
Set to 1 when P_SERR_L is asserted
Reset to 0
31
Detected Parity
Error
R/WC
Set to 1 when address or data parity error is detected on the primary
interface
Reset to 0
14.1.5
REVISION ID REGISTER – OFFSET 08h
Bit
Function
Type
Description
7:0
Revision
R/O
Indicates revision number of device. Hardwired to 02h
14.1.6
CLASS CODE REGISTER – OFFSET 08h
Bit
Function
Type
Description
15:8
Programming
Interface
R/O
Read as 0 to indicate no programming interfaces have been defined
for PCI-to-PCI bridges
23:16
Sub-Class Code
R/O
Read as 04h to indicate device is PCI-to-PCI bridge
31:24
Base Class Code
R/O
Read as 06h to indicate device is a bridge device
14.1.7
CACHE LINE SIZE REGISTER – OFFSET 0Ch
Bit
Function
Type
Description
7:0
Cache Line Size
R/W
Designates the cache line size for the system and is used when
terminating memory write and invalidate transactions and when
prefetching memory read transactions.
Only cache line sizes (in units of 4-byte) which are a power of two
are valid (only one bit can be set in this register; only 00h, 01h, 02h,
04h, 08h, and 10h are valid values).
Reset to 0
14.1.8
PRIMARY LATENCY TIMER REGISTER – OFFSET 0Ch
Bit
Function
Type
Description
15:8
Primary Latency
timer
R/W
This register sets the value for the Master Latency Timer, which
starts counting when the master asserts FRAME_L.
Reset to 0
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com