Electronic Components Datasheet Search
  English  ▼

X  

PI7C8150AMA Datasheet(PDF) 20 Page - Pericom Semiconductor Corporation

Part # PI7C8150AMA
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AMA Datasheet(HTML) 20 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AMA Datasheet HTML 16Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 17Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 18Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 19Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 20Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 24Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 20 of 111
APRIL 2006 – Revision 1.1
Pin Number
Name
Type
Pin Number
Name
Type
191
S_AD[22]
TS
192
S_AD[23]
TS
193
VSS
P
194
S_CBE[3]
TS
195
S_AD[24]
TS
196
VDD
P
197
S_AD[25]
TS
198
S_AD[26]
TS
199
VSS
P
200
S_AD[27]
TS
201
S_AD[28]
TS
202
VDD
P
203
S_AD[29]
TS
204
S_AD[30]
TS
205
VSS
P
206
S_AD[31]
TS
207
S_REQ_L[0]
I
208
VDD
P
2.4
PIN LIST – 256-BALL PBGA
Table 2-2. Pin List – 256-pin PBGA
Pin
Number
Name
Type
Pin
Number
Name
Type
Pin
Number
Name
Type
A1
VSS
P
A2
S_REQ_L[2]
I
A3
VDD
P
A4
S_AD[31]
TS
A5
S_AD[28]
TS
A6
S_AD[25]
TS
A7
S_AD[22]
TS
A8
S_AD[19]
TS
A9
S_AD[17]
TS
A10
S_FRAME_L
STS
A11
S_DEVSEL_L
STS
A12
S_PERR_L
STS
A13
S_PAR
TS
A14
S_AD[13]
TS
A15
S_AD[11]
TS
A16
VSS
P
B1
VSS
P
B2
VSS
P
B3
S_REQ_L[1]
I
B4
S_REQ_L[0]
I
B5
S_AD[27]
TS
B6
S_CBE_L[3]
TS
B7
S_AD[21]
TS
B8
S_AD[18]
TS
B9
S_CBE_L[2]
TS
B10
S_IRDY_L
STS
B11
S_STOP_L
STS
B12
S_CBE_L[1]
TS
B13
S_AD[12]
TS
B14
MS0
P
B15
VSS
P
B16
S_AD[10]
TS
C1
S_REQ_L[5]
I
C2
S_REQ_L[4]
I
C3
VSS
P
C4
VDD
P
C5
S_AD[29]
TS
C6
S_AD[24]
TS
C7
S_AD[23]
TS
C8
S_AD[20]
TS
C9
S_AD[16]
TS
C10
S_TRDY_L
STS
C11
S_LOCK_L
STS
C12
S_AD[15]
TS
C13
VSS
P
C14
VSS
P
C15
VDD
P
C16
S_AD[8]
TS
D1
S_GNT_L[0]
TS
D2
S_REQ_L[6]
I
D3
S_REQ_L[3]
I
D4
VSS
P
D5
S_AD[30]
TS
D6
S_AD[26]
TS
D7
VDD
P
D8
VDD
P
D9
VDD
P
D10
VDD
P
D11
S_SERR_L
I
D12
S_AD[14]
TS
D13
VSS
P
D14
VSS
P
D15
S_M66EN
I/OD
D16
S_AD[6]
TS
E1
S_GNT_L[3]
TS
E2
S_GNT_L[2]
TS
E3
S_REQ_L[7]
I
E4
S_REQ_L[8]
I
E5
VSS
P
E6
VDD
P
E7
VDD
P
E8
VDD
P
E9
VDD
P
E10
VDD
P
E11
VDD
P
E12
VSS
P
E13
S_AD[9]
TS
E14
S_AD[7]
TS
E15
S_CBE_L[0]
TS
E16
S_AD[4]
TS
F1
S_GNT_L[7]
TS
F2
S_GNT_L[6]
TS
F3
S_GNT_L[1]
TS
F4
S_GNT_L[4]
TS
F5
VDD
P
F6
VSS
P
F7
VSS
P
F8
VSS
P
F9
VSS
P
F10
VSS
P
F11
VSS
P
F12
VDD
P
F13
S_AD[5]
TS
F14
S_AD[3]
TS
F15
S_AD[2]
TS
F16
S_AD[1]
TS
G1
S_GNT_L[8]
TS
G2
VSS
P
G3
S_GNT_L[5]
TS
G4
VDD
P
G5
VDD
P
G6
VSS
P
G7
VSS
P
G8
VSS
P
G9
VSS
P
G10
VSS
P
G11
VSS
P
G12
VDD
P
G13
VDD
P
G14
S_VIO
I
G15
TRST_L
I
G16
S_AD[0]
TS
H1
S_RESET_L
O
H2
S_CFN_L
I
H3
S_CLKIN
I
H4
VDD
P
H5
VDD
P
H6
VSS
P
H7
VSS
P
H8
VSS
P
H9
VSS
P
H10
VSS
P
H11
VSS
P
H12
VDD
P
H13
VDD
P
H14
TMS
I
H15
TCK
I
H16
TDO
O
J1
GPIO[1]
TS
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com