Electronic Components Datasheet Search
  English  ▼

X  

PI7C8150AMA Datasheet(PDF) 24 Page - Pericom Semiconductor Corporation

Part # PI7C8150AMA
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AMA Datasheet(HTML) 24 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AMA Datasheet HTML 20Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 21Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 22Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 23Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7C8150AMA Datasheet HTML 28Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 24 of 111
APRIL 2006 – Revision 1.1
The PI7C8150A can accept one DWORD of write data every PCI clock cycle.
That is, no target wait state is inserted. The write data is stored in an internal
posted write buffers and is subsequently delivered to the target.
The PI7C8150A continues to accept write data until one of the following events occurs:
The initiator terminates the transaction by de-asserting FRAME# and IRDY#.
An internal write address boundary is reached, such as a cache line boundary or an
aligned 4KB boundary, depending on the transaction type.
The posted write data buffer fills up.
When one of the last two events occurs, the PI7C8150A returns a target disconnect to the
requesting initiator on this data phase to terminate the transaction.
Once the posted write data moves to the head of the posted data queue, PI7C8150A asserts
its request on the target bus. This can occur while PI7C8150A is still receiving data on the
initiator bus. When the grant for the target bus is received and the target bus is detected in
the idle condition, PI7C8150A asserts FRAME_L and drives the stored write address out
on the target bus. On the following cycle, PI7C8150A drives the first DWORD of write
data and continues to transfer write data until all write data corresponding to that
transaction is delivered, or until a target termination is received. As long as write data
exists in the queue, PI7C8150A can drive one DWORD of write data each PCI clock cycle;
that is, no master wait states are inserted. If write data is flowing through PI7C8150A and
the initiator stalls, PI7C8150A will signal the last data phase for the current transaction at
the target bus if the queue empties. PI7C8150A will restart the follow-on transactions if the
queue has new data.
PI7C8150A ends the transaction on the target bus when one of the following conditions is
met:
All posted write data has been delivered to the target.
The target returns a target disconnect or target retry (PI7C8150A starts another
transaction to deliver the rest of the write data).
The target returns a target abort (PI7C8150A discards remaining write data).
The master latency timer expires, and PI7C8150A no longer has the target bus grant
(PI7C8150A starts another transaction to deliver remaining write data).
Section 3.8.3.2 provides detailed information about how PI7C8150A responds to target
termination during posted write transactions.
3.5.2
MEMORY WRITE AND INVALIDATE
Posted write forwarding is used for Memory Write and Invalidate transactions.
If offset 74h bits [8:7] = 11, the PI7C8150A disconnects Memory Write and Invalidate
commands at aligned cache line boundaries. The cache line size value in the cache line size
register gives the number of DWORD in a cache line.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com