| Electronic Components Datasheet Search |
|
PI7C8150AMA Datasheet(PDF) 98 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7C8150AMA Datasheet(HTML) 98 Page - Pericom Semiconductor Corporation |
|
98 / 111 page ![]() PI7C8150A 2-PORT PCI-TO-PCI BRIDGE Page 98 of 111 APRIL 2006 – Revision 1.1 15.1 BRIDGE ACTIONS FOR VARIOUS CYCLE TYPES Initiator Target Response Master on Primary Target on Primary PI7C8150A does not respond. It detects this situation by decoding the address as well as monitoring the P_DEVSEL_L for other fast and medium devices on the Primary Port. Master on Primary Target on Secondary PI7C8150A asserts P_DEVSEL_L, terminates the cycle normally if it is able to be posted, otherwise return with a retry. It then passes the cycle to the appropriate port. When the cycle is complete on the target port, it will wait for the initiator to repeat the same cycle and end with normal termination. Master on Primary Target not on Primary nor Secondary Port PI7C8150A does not respond and the cycle will terminate as master abort. Master on Secondary Target on the same Secondary Port PI7C8150A does not respond. Master on Secondary Target on Primary or the other Secondary Port PI7C8150A asserts S_DEVSEL_L, terminates the cycle normally if it is able to be posted, otherwise returns with a retry. It then passes the cycle to the appropriate port. When cycle is complete on the target port, it will wait for the initiator to repeat the same cycle and end with normal termination. Master on Secondary Target not on Primary nor the other Secondary Port PI7C8150A does not respond. 15.2 ABNORMAL TERMINATION (INITIATED BY BRIDGE MASTER) 15.2.1 MASTER ABORT Master abort indicates that when PI7C8150A acts as a master and receives no response (i.e., no target asserts DEVSEL_L or S_DEVSEL_L) from a target, the bridge de-asserts FRAME_L and then de-asserts IRDY_L. 15.2.2 PARITY AND ERROR REPORTING Parity must be checked for all addresses and write data. Parity is defined on the P_PAR, and S_PAR signals. Parity should be even (i. e. an even number of‘1’s) across AD, CBE, and PAR. Parity information on PAR is valid the cycle after AD and CBE are valid. For reads, even parity must be generated using the initiators CBE signals combined with the read data. Again, the PAR signal corresponds to read data from the previous data phase cycle. 06-0057 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |