Electronic Components Datasheet Search
  English  ▼

X  

TMUX4051DYYR Datasheet(PDF) 1 Page - Texas Instruments

Part # TMUX4051DYYR
Description  TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX4051DYYR Datasheet(HTML) 1 Page - Texas Instruments

  TMUX4051DYYR Datasheet HTML 1Page - Texas Instruments TMUX4051DYYR Datasheet HTML 2Page - Texas Instruments TMUX4051DYYR Datasheet HTML 3Page - Texas Instruments TMUX4051DYYR Datasheet HTML 4Page - Texas Instruments TMUX4051DYYR Datasheet HTML 5Page - Texas Instruments TMUX4051DYYR Datasheet HTML 6Page - Texas Instruments TMUX4051DYYR Datasheet HTML 7Page - Texas Instruments TMUX4051DYYR Datasheet HTML 8Page - Texas Instruments TMUX4051DYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel
Multiplexers with 1.8-V Logic
1 Features
• Single supply range: 5 V to 24 V
• Dual supply range: up to ±12 V
• Low capacitance: 3 pF
• –55°C to +125°C operating temperature
• Bidirectional signal path
• Rail-to-rail operation
• 1.8 V logic compatible
• Break-before-make switching
• ESD protection HBM: 2000 V
• TMUX405x – pin compatible with:
– Industry standard 4051, 4052, and 4053 muxes
2 Applications
• Analog multiplexing and demultiplexing
• Factory automation and control
• Appliances
• Battery test equipment
• Power delivery
• Medical
• Building automation
• Grid infrastructure
3 Description
The TMUX405x devices are general purpose
complementary metal-oxide semiconductor (CMOS)
multiplexers (MUX). The TMUX4051 is an 8:1, 1-
channel multiplexer, the TMUX4052 is a 4:1, 2-
channel multiplexer, and the TMUX4053 is 2:1, 3
channel switch. The devices work with a single supply
(5 V to 24 V), dual supplies (up to ±12 V), or
asymmetric supplies (such as VDD = 12 V, VSS =
–5 V). The wide supply voltage range allows the
TMUX405x devices to be used in a broad array of
applications from battery testers to appliances.
The TMUX405x devices support bidirectional analog
signals on the source (Sx) and drain (Dx) pins ranging
from VSS to VDD. All logic inputs have 1.8 V logic
compatible thresholds, which is compatible for both
TTL and CMOS logic when operating with a valid
supply voltage.
Package Information(1)(2)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX4051
TMUX4052
TMUX4053
PW (TSSOP, 16)
5.00 mm × 4.40 mm
DYY (SOT-23-THIN, 16)
4.20 mm × 2.00 mm
BQB (WQFN, 16)
3.50 mm × 2.50 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
(2)
See the Device Comparison Table
TMUX4051
A2
A1
A0
EN
S2
D
S3
S4
S5
S6
S7
S0
1-OF-8
DECODER
TMUX4052
S0A
DB
S1A
S2A
S3A
S0B
S1B
S2B
S3B
DA
A1
A0
EN
1-OF-4
DECODER
TMUX4053
S1A
S1B
D1
S2A
S2B
D2
S3A
S3B
D3
EN
SEL3
SEL2
SEL1
S1
LOGIC CONTROL
TMUX4051, TMUX4052, and TMUX4053 Block Diagram
TMUX4051, TMUX4052, TMUX4053
SCDS445B – MAY 2022 – REVISED MARCH 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUX4051DYYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX4051DYYRQ1 TI1-TMUX4051DYYRQ1 Datasheet
1Mb / 31P
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
More results

Similar Description - TMUX4051DYYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6208 TI-TMUX6208_V01 Datasheet
2Mb / 49P
TMUX620x 36-V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX6208 TI-TMUX6208_V02 Datasheet
3Mb / 51P
TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
AUGUST 2021
TMUX7208 TI-TMUX7208_V03 Datasheet
3Mb / 52P
TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
SEPTEMBER 2021
TMUX4051 TI-TMUX4051 Datasheet
1Mb / 31P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
MAY 2022
TMUX4051-Q1 TI-TMUX4051-Q1 Datasheet
1Mb / 30P
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051-Q1 TI-TMUX4051-Q1_V01 Datasheet
1Mb / 30P
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051 TI-TMUX4051_V01 Datasheet
1Mb / 38P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
REVISED SEPTEMBER 2022
TMUX4051 TI-TMUX4051_V02 Datasheet
1Mb / 38P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
REVISED SEPTEMBER 2022
TMUX4051-Q1 TI-TMUX4051-Q1_V02 Datasheet
1Mb / 31P
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
TMUX4051-Q1 TI1-TMUX4051-Q1_V03 Datasheet
1Mb / 31P
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com