Electronic Components Datasheet Search
  English  ▼

X  

TMUX4051DYYR Datasheet(PDF) 13 Page - Texas Instruments

Part # TMUX4051DYYR
Description  TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX4051DYYR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX4051DYYR Datasheet HTML 9Page - Texas Instruments TMUX4051DYYR Datasheet HTML 10Page - Texas Instruments TMUX4051DYYR Datasheet HTML 11Page - Texas Instruments TMUX4051DYYR Datasheet HTML 12Page - Texas Instruments TMUX4051DYYR Datasheet HTML 13Page - Texas Instruments TMUX4051DYYR Datasheet HTML 14Page - Texas Instruments TMUX4051DYYR Datasheet HTML 15Page - Texas Instruments TMUX4051DYYR Datasheet HTML 16Page - Texas Instruments TMUX4051DYYR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
7.7 Timing Characteristics (continued)
Over operating free-air temperature range,
Typical at TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CONDITION
VDD
VSS
TA
tBBM
CL = 15 pF,
RL = 10 kΩ
5 V
0 V
25°C
60
ns
–55°C to +125°C
1
10 V
0 V
25°C
45
–55°C to +125°C
1
5 V
–5 V
25°C
45
–55°C to +125°C
1
12 V
–12 V
25°C
55
–55°C to +125°C
1
24 V
0 V
25°C
75
–55°C to +125°C
1
www.ti.com
TMUX4051, TMUX4052, TMUX4053
SCDS445B – MAY 2022 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX4051 TMUX4052 TMUX4053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com