Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # UPD78P014
Description  MOS INTEGRATED CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P014 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button UPD78P014 Datasheet HTML 28Page - Renesas Technology Corp UPD78P014 Datasheet HTML 29Page - Renesas Technology Corp UPD78P014 Datasheet HTML 30Page - Renesas Technology Corp UPD78P014 Datasheet HTML 31Page - Renesas Technology Corp UPD78P014 Datasheet HTML 32Page - Renesas Technology Corp UPD78P014 Datasheet HTML 33Page - Renesas Technology Corp UPD78P014 Datasheet HTML 34Page - Renesas Technology Corp UPD78P014 Datasheet HTML 35Page - Renesas Technology Corp UPD78P014 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
30
µPD78P014
Test Conditions
VDD = 4.5 to 6.0 V
Operating with main
Ta = –40 to +40
°C
system clock
VDD = 4.75 to 6.0 V
Ta = –40 to +40
°C
Operating with subsystem clock
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V
INTP0
INTP1 to INTP3
KR0 to KR7
AC Characteristics
(1)
Basic operation (Ta = –40 to +85
°C, VDD = 2.7 to 6.0 V)
Symbol
TCY
fTI
tTIH
tTIL
tINTH
tINTL
tRSL
MIN.
TYP.
MAX.
Unit
0.48
64
µs
1.91
64
µs
0.4
64
µs
0.96
64
µs
40
122
125
µs
0
4
MHz
0
275
kHz
100
ns
1.8
µs
8/fsamNote
µs
10
µs
10
µs
10
µs
Parameter
Cycle time
(Min. instruction
execution time)
TI input frequency
TI input high-/low-level
width
Interrupt input high-/low-
level width
RESET low-level width
Note In combination with bits 0 (SCS0) and 1 (SCS1) of sampling clock select register, selection of fsam is possible
between fX/2N+1, fX/64, and fX/128 (N = 0 to 4).
TCY VS VDD (At main system clock operation)
Caution When Ta = –40 to +40
°C, the operation guaranteed range is extended to the dotted line.
60
10
2.0
1.0
1
02
3
4
5
6
0.5
0.4
Supply Voltage VDD [V]
Operation Guaranteed
Range
(Ta = –40 to +85
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com