Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # UPD78P014
Description  MOS INTEGRATED CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P014 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button UPD78P014 Datasheet HTML 14Page - Renesas Technology Corp UPD78P014 Datasheet HTML 15Page - Renesas Technology Corp UPD78P014 Datasheet HTML 16Page - Renesas Technology Corp UPD78P014 Datasheet HTML 17Page - Renesas Technology Corp UPD78P014 Datasheet HTML 18Page - Renesas Technology Corp UPD78P014 Datasheet HTML 19Page - Renesas Technology Corp UPD78P014 Datasheet HTML 20Page - Renesas Technology Corp UPD78P014 Datasheet HTML 21Page - Renesas Technology Corp UPD78P014 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
16
µPD78P014
2.3
Pin Input/Output Circuits and Connection of Unused Pins
The input/output circuit type of each pin and the recommended connection of unused pins are shown in Table
2-1.
The configuration of each type of input/output circuit is shown in Figure 2-1.
Table 2-1. Type of Pin Input/Output Circuits
Input/Output
Circuit Type
I/O
Pin Name
Recommended Connection for Used Pins
Connect to VSS .
Input
: Connect to VSS .
Output
: Leave open.
Connected to VSS .
Input
Input/output
Input
Input/output
Input/output
Input/output
Input/output
Input/output
Input
—
Input
: Connect to VDD or VSS .
Output
: Leave open.
2
8-A
16
11
8-A
5-A
8-A
5-A
8-A
10-A
5-A
8-A
5-A
5-E
5-A
13
5-A
2
16
—
P00/INTP0/TI0
P01/INTP1
P02/INTP2
P03/INTP3
P04/XT1
P10/ANI0 to P17/ANI7
P20/SI1
P21/SO1
P22/SCK1
P23/STB
P24/BUSY
P25/SI0/SB0
P26/SO0/SB1
P27/SCK0
P30/TO0
P31/TO1
P32/TO2
P33/TI1
P34/TI2
P35/PCL
P36/BUZ
P37
P40/AD0 to P47/AD7
P50/A8 to P57/A15
P60 to P63
P64/RD
P65/WR
P66/WAIT
P67/ASTB
RESET
XT2
AVREF
AVDD
AVSS
VPP
Input
: Connect to VDD or VSS .
Output
: Leave open.
Input
: Connect to VDD or VSS .
Output
: Leave open.
Input
: Connect to VDD or VSS .
Output
: Leave open.
Input
: Connect to VDD or VSS .
Output
: Leave open.
—
Leave open.
Connect to VSS .
Connect to VDD.
Connect to VSS .
Directly connect to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com