Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPD78P014
Description  MOS INTEGRATED CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P014 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPD78P014 Datasheet HTML 16Page - Renesas Technology Corp UPD78P014 Datasheet HTML 17Page - Renesas Technology Corp UPD78P014 Datasheet HTML 18Page - Renesas Technology Corp UPD78P014 Datasheet HTML 19Page - Renesas Technology Corp UPD78P014 Datasheet HTML 20Page - Renesas Technology Corp UPD78P014 Datasheet HTML 21Page - Renesas Technology Corp UPD78P014 Datasheet HTML 22Page - Renesas Technology Corp UPD78P014 Datasheet HTML 23Page - Renesas Technology Corp UPD78P014 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
18
µPD78P014
3.
INTERNAL MEMORY SIZE SWITCHING REGISTER (IMS)
This register is used to prevent part of the internal memory from being used by software. Setting the internal
memory size switching register (IMS) enables memory mapping identical to that of a mask ROM version with
different internal memory (ROM and RAM) to be used.
The IMS register is set by an 8-bit memory manipulation instruction.
RESET input sets this register to C8H.
Figure 3-1. Internal Memory Size Switching Register Format
7
6
5
4
3
2
1
0
Address
At Reset
R/W
FFF0H
C8H
W
IMS
RAM2 RAM1 RAM0
0
ROM3 ROM2 ROM1 ROM0
The IMS set values to make the memory map identical to various mask ROM versions are shown in Table 3-1.
Table 3-1. Examples of Internal Memory Size Switching Register Settings
IMS Set Value
Target Mask ROM Version
IMS Set Value
Target Mask ROM Version
µPD78001B
µPD78002B
µPD78011B
ROM3 ROM2 ROM1 ROM0
Internal ROM Capacity Selection
0
0
0
1
4 K bytes
0
0
1
0
8 K bytes
0
1
0
0
16 K bytes
0
1
1
0
24 K bytes
1
0
0
0
32K bytes
Setting prohibited
RAM2 RAM1 RAM0
Internal High-Speed RAM Capacity Selec-
tion
0
0
0
768 bytes
0
0
1
640 bytes
0
1
0
512 bytes
0
1
1
384 bytes
1
0
0
256 bytes
1
0
1
Setting prohibited
1
1
0
1024 bytes
1
1
1
896 bytes
Other than above
44H
C6H
C8H
µPD78012B
µPD78013
µPD78014
82H
64H
42H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com