Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPD78P014
Description  MOS INTEGRATED CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P014 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPD78P014 Datasheet HTML 18Page - Renesas Technology Corp UPD78P014 Datasheet HTML 19Page - Renesas Technology Corp UPD78P014 Datasheet HTML 20Page - Renesas Technology Corp UPD78P014 Datasheet HTML 21Page - Renesas Technology Corp UPD78P014 Datasheet HTML 22Page - Renesas Technology Corp UPD78P014 Datasheet HTML 23Page - Renesas Technology Corp UPD78P014 Datasheet HTML 24Page - Renesas Technology Corp UPD78P014 Datasheet HTML 25Page - Renesas Technology Corp UPD78P014 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
20
µPD78P014
4.2
PROM Write Procedure
The PROM write procedure is as shown below, allowing high-speed writing.
(1)
Fix the RESET pin low. Supply +5 V to the VPP pin. Unused pins are handled as shown in “PIN CONFIGURATION
(2) PROM programming mode”.
(2)
Supply +6 V to the VDD pin and +12.5 V to the VPP pin.
(3)
Supply the initial address.
(4)
Supply the write data.
(5)
Supply a 1 ms program pulse (active low) to the CE pin.
(6)
Verify mode. If written, go to (8); if not written, repeat (4) through (6). When the write operation has been
repeated 25 times, go to (7).
(7)
Halt write operation due to defective device.
(8)
Supply write data and supply (times repeated in (4) through (6))
× 3 ms program pulse (additional write).
(9)
Increment the address.
(10) Repeat (4) through (9) until the final address.
Timing for steps (2) through (8) above is shown in Figure 4-1.
Figure 4-1. PROM Write/Verify Timing
Write
A0-A14
V PP
CE(Input)
D0-D7
+6 V
OE(Input)
V DD
+12.5 V
V DD
V DD
Repeated X Times
Data Input
Address Input
Verify
3Xms
Hi-Z
Hi-Z
Data
Output
Hi-Z
Hi-Z
Data Input
Additional
Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com