Electronic Components Datasheet Search
  English  ▼

X  

115S Datasheet(PDF) 4 Page - ATTEND Technology Inc.

Part # 115S
Description  Nano SIM Card Socket, Bar Push, 8u" Gold
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115S Datasheet(HTML) 4 Page - ATTEND Technology Inc.

  115S Datasheet HTML 1Page - ATTEND Technology Inc. 115S Datasheet HTML 2Page - ATTEND Technology Inc. 115S Datasheet HTML 3Page - ATTEND Technology Inc. 115S Datasheet HTML 4Page - ATTEND Technology Inc. 115S Datasheet HTML 5Page - ATTEND Technology Inc. 115S Datasheet HTML 6Page - ATTEND Technology Inc. 115S Datasheet HTML 7Page - ATTEND Technology Inc. 115S Datasheet HTML 8Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-4 -
3. 3 shocks in each direction. Total of 6
directions.
4. Total of 18 shocks.
ENVIRONMENTAL
Item
Requirement
Test Condition
Operating
Heat Resistance
No evidence of damage
The electrical performances
should meet the spec.
specified
1. Operating test current: 0.2A
2. Mated dummy card shall be
subjected during test.
3. Temperature:70±3°C
4 Duration time: 240 hours. It shall be
maintained at standard atmospheric
condition for 30 min after measurement
shall be made.
Operating
Cold Resistance
No evidence of damage
The electrical performances
should meet the spec.
specified.
1. Operating test current: 0.2A
2. Mated dummy card shall be subjected
during test.
3. Temperature:-20±3°C
4. Duration time: 240 hours.
It shall be maintained at standard
atmospheric condition for 30 min after
measurement shall be made.
Non-Operating
Heat Resistance
No evidence of damage
The electrical performances
should meet the spec.
specified
1. Mated dummy card shall be subjected
during test.
2. Temperature:85±3°C
3. Duration time: 240 hours.
It shall be maintained at standard
atmospheric condition for 30 min after
measurement shall be made.
Non-Operating
Cold Resistance
No evidence of damage
The electrical performances
should meet the spec.
specified.
1. Mated dummy card shall be subjected
during test.
2. Temperature:-40±3°C
3. Duration time: 240 hours.
It shall be maintained at standard
atmospheric condition for 30 min after
measurement shall be made
Non-Operating
Thermal Shock
No evidence of damage
The electrical performances
should meet the spec.
specified.
Subject mated connector to 32 cycles
between -40 ± 3°C/ 30 minutes and +85
±3°C/ 30 minutes
MIL-STD-202, Method 107
Operating Temperature
No evidence of damage
The electrical performances
1. Operating test current: 0.2A
2. Mated dummy card shall be subjected
during test.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com