Electronic Components Datasheet Search
  English  ▼

X  

115S Datasheet(PDF) 5 Page - ATTEND Technology Inc.

Part # 115S
Description  Nano SIM Card Socket, Bar Push, 8u" Gold
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115S Datasheet(HTML) 5 Page - ATTEND Technology Inc.

  115S Datasheet HTML 1Page - ATTEND Technology Inc. 115S Datasheet HTML 2Page - ATTEND Technology Inc. 115S Datasheet HTML 3Page - ATTEND Technology Inc. 115S Datasheet HTML 4Page - ATTEND Technology Inc. 115S Datasheet HTML 5Page - ATTEND Technology Inc. 115S Datasheet HTML 6Page - ATTEND Technology Inc. 115S Datasheet HTML 7Page - ATTEND Technology Inc. 115S Datasheet HTML 8Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-5 -
3. Temperature:60±2°C
4. Humidity: 95%RH
5. Duration time: 240 hours.
Non-Operating
Temperature And Humidity
No evidence of damage
The electrical performances
should meet the spec.
specified.
1. Temperature:70±2°C
2. Humidity: 90%RH
3. Duration time: 240 hours.
H2S
Corrosion Resistance
Electrical performance
specified in table 1 shall be
satisfied.
No harmful deformation,
cracking and chip etc., on
function.
MIL-STD-202, Method 1010
Temperature: 40±2°C
Gas concentration: 3±1ppm
Humidity: 75% to 80% RH Duration: 24H
Salt Spray
No mechanical damage; No
harmful corrosion occurs on
contact.
Temperature: 35±2°C
NaCl: 5%
Duration: 48H
After test wash parts and return
Tray Push In Strength
(Tray Left Oblique)
As show below, No problem to
connector performance
The evaluation tray is left oblique by 45
degree and the load of 2kg is added in 20
seconds by 10pcs
Tray Push In
Strength
(Tray Right Oblique)
As show below, No problem to
connector performance
The evaluation tray is right oblique by
45 degree and the load of 2kg is added
in 20 seconds by 10pcs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com