Electronic Components Datasheet Search
  English  ▼

X  

115S Datasheet(PDF) 6 Page - ATTEND Technology Inc.

Part # 115S
Description  Nano SIM Card Socket, Bar Push, 8u" Gold
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115S Datasheet(HTML) 6 Page - ATTEND Technology Inc.

  115S Datasheet HTML 1Page - ATTEND Technology Inc. 115S Datasheet HTML 2Page - ATTEND Technology Inc. 115S Datasheet HTML 3Page - ATTEND Technology Inc. 115S Datasheet HTML 4Page - ATTEND Technology Inc. 115S Datasheet HTML 5Page - ATTEND Technology Inc. 115S Datasheet HTML 6Page - ATTEND Technology Inc. 115S Datasheet HTML 7Page - ATTEND Technology Inc. 115S Datasheet HTML 8Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-6 -
Left Oblique
Insertion Resistance
As show below, No problem to
connector performance
The actual card with evaluation Tray is
inserted by left oblique, and ejected
(pushing Eject Bar).
It is Repeated 100 cycles.
Right Oblique
Insertion Resistance
As show below, No problem to
connector performance
The actual card with evaluation Tray is
inserted by right oblique, and ejected
(pushing Eject Bar).
It is Repeated 100 cycles
Tray Reversed
Insertion Resistance
As show below, No problem to
connector performance
The evaluation tray is reversed and the
load of 2kg is added in 20 seconds
(50cycle)
Cutting-SIM Card
Test
No evidence of damage
The electrical performances
should meet the spec.
specified
5pcs Micro SIM cut into Nano SIM
(Micro SIM type thickness: 0.84mm)
Test method: 1,000 cycles as defined
to insert cutting-SIM card into the
connector, and remove the cutting-SIM
card.
Misuse test For SIM
Card Connector
Testing orientation of object:
Normal/ Reverse/ Bottom-up
Sample quantity: 5(straight)+
5(left slant)+5(right
slant)+5(upper slant)+
5(lower slant)
No problem to connector
performance
Insert the maximum size micro SD
conn card along straight/left slant/right
slant/upper slant/lower slant
deflection, and then remove Micro SD
tray. Perform this action for 10 times
for each sample. Totally for 5 samples
for each side



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com