Electronic Components Datasheet Search
  English  ▼

X  

MP86957 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP86957
Description  Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86957 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP86957 Datasheet HTML 1Page - Monolithic Power Systems MP86957 Datasheet HTML 2Page - Monolithic Power Systems MP86957 Datasheet HTML 3Page - Monolithic Power Systems MP86957 Datasheet HTML 4Page - Monolithic Power Systems MP86957 Datasheet HTML 5Page - Monolithic Power Systems MP86957 Datasheet HTML 6Page - Monolithic Power Systems MP86957 Datasheet HTML 7Page - Monolithic Power Systems MP86957 Datasheet HTML 8Page - Monolithic Power Systems MP86957 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP86957
– INTELLI-PHASETM SOLUTION IN 5MMX6MM LGA
MP86957 Rev. 1.1
www.MonolithicPower.com
3
7/10/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 6, 31,
37, 39, 41
NC
No connection.
2
AGND
Analog ground.
3
VDD
Supply voltage for internal circuitry. Connect to the VDRV pin through a
2.2Ω
resistor and decouple with a 1µF capacitor to AGND. Connect AGND and PGND
at the VDD capacitor.
4
VDRV
Driver voltage. Connect to 3.3V supply and decouple with a 1µF to 4.7µF ceramic
capacitor.
5, 7, 8, 9,
20, 21, 22,
23, 24, 40
PGND
Power ground.
10, 11, 12,
13, 14, 15,
16, 17, 18,
19
SW
Phase node.
25, 26, 27,
28, 29, 30
VIN
Input supply voltage. Place input ceramic capacitors (CIN) close to the device to
support the switching current with minimal parasitic inductance.
32
PHASE
Switching node for bootstrap capacitor connection. PHASE pin is connected
to SW internally.
33
BST
Bootstrap. Requires a 0.1µF to 0.22
µF capacitor to drive the power switch’s gate
above the supply voltage. Connect the capacitor between PHASE and BST to form
a floating supply across the power switch driver.
34
PWM
Pulse-width modulation input. Leave PWM floating or drive to mid-state to put
SW in high-impedance state.
35
EN
Enable. Pull low to disable the device and place SW in a high-impedance state.
36
TOUT/FLT
Single-pin temperature sense and fault reporting. When a fault occurs, the pin
is pulled up to the VDD voltage.
38
IOUT
Current sense output. Use an external resistor to adjust the voltage proportional
to the inductor current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com