Electronic Components Datasheet Search
  English  ▼

X  

MP86957 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP86957
Description  Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86957 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP86957 Datasheet HTML 1Page - Monolithic Power Systems MP86957 Datasheet HTML 2Page - Monolithic Power Systems MP86957 Datasheet HTML 3Page - Monolithic Power Systems MP86957 Datasheet HTML 4Page - Monolithic Power Systems MP86957 Datasheet HTML 5Page - Monolithic Power Systems MP86957 Datasheet HTML 6Page - Monolithic Power Systems MP86957 Datasheet HTML 7Page - Monolithic Power Systems MP86957 Datasheet HTML 8Page - Monolithic Power Systems MP86957 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP86957
– INTELLI-PHASETM SOLUTION IN 5MMX6MM LGA
MP86957 Rev. 1.1
www.MonolithicPower.com
4
7/10/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ..................................... 18V
VIN to VPHASE (DC).............................. -0.3V to 25V
VIN to VPHASE (10ns) ............................... -5V to 32V
VSW to PGND(DC)................... -0.3 V to VIN + 0.3V
VSW to PGND(25ns) ...............................-5V to 25V
VBST .................................................. VPHASE + 4V
VDD, VDRV ........................................ -0.3V to +4V
All other pins ........................ -0.3V to VDD + 0.3V
Instantaneous current ................................ 95A
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature ............... -65°C to +150°C
Recommended Operating Conditions (2)
Supply voltage (VIN) .........................3.0V to 16V
Driver voltage (VDRV) .......................3.0V to 3.6V
Logic voltage (VDD)..........................3.0V to 3.6V
Operating junction temp (TJ). .. -40°C to +125°C
Thermal Resistance (3)
θJB
θJC_TOP
LGA- 41 (5mmx6mm) .............2.2 ..... 8.7...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its operating
conditions.
3)
θ
JB: Thermal resistance from junction to board around PGND
soldering point.
θ
JC_TOP: Thermal resistance from junction to top of package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com